công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F411RCT7 bảng dữ liệu(PDF) 148 Page - STMicroelectronics

tên linh kiện STM32F411RCT7
Giải thích chi tiết về linh kiện  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411RCT7 bảng dữ liệu(HTML) 148 Page - STMicroelectronics

Back Button STM32F411RCT7 Datasheet HTML 141Page - STMicroelectronics STM32F411RCT7 Datasheet HTML 142Page - STMicroelectronics STM32F411RCT7 Datasheet HTML 143Page - STMicroelectronics STM32F411RCT7 Datasheet HTML 144Page - STMicroelectronics STM32F411RCT7 Datasheet HTML 145Page - STMicroelectronics STM32F411RCT7 Datasheet HTML 146Page - STMicroelectronics STM32F411RCT7 Datasheet HTML 147Page - STMicroelectronics STM32F411RCT7 Datasheet HTML 148Page - STMicroelectronics STM32F411RCT7 Datasheet HTML 149Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 148 / 149 page
background image
Revision history
STM32F411xC STM32F411xE
148/149
DocID026289 Rev 6
21-Nov-2016
5
Updated:
– Features
– Figure 1: Compatible board design for LQFP100 package
– Figure 2: Compatible board design for LQFP64 package
– Figure 3: STM32F411xC/xE block diagram
– Figure 22: High-speed external clock source AC timing diagram
– Figure 23: Low-speed external clock source AC timing diagram
– Figure 33: I2C bus AC waveforms and measurement circuit
– Figure 58: UFBGA100 - 100-ball, 7 x 7 mm, 0.50 mm pitch, ultra fine pitch ball grid
array package outline
– Table 2: STM32F411xC/xE features and peripheral counts
– Table 8: STM32F411xC/xE pin definitions
– Table 13: Thermal characteristics
– Table 14: General operating conditions
–From Table 20: Typical and maximum current consumption, code with data processing
(ART accelerator disabled) running from SRAM - VDD = 1.7 V to Table 31: Typical
and maximum current consumptions in VBAT mode
– Table 35: High-speed external user clock characteristics
– Table 36: Low-speed external user clock characteristics
– Table 39: HSI oscillator characteristics
– Table 47: Flash memory endurance and data retention
– Table 51: Electrical sensitivities
– Table 53: I/O static characteristics
– Table 76: Dynamic characteristics: SD / MMC characteristics
– Table 86: Ordering information scheme
Added:
– One-time programmable bytes
– Table 85: Package thermal characteristics
05-Dec-2016
6
Updated:
– Table 27: Typical and maximum current consumptions in Stop mode - VDD = 1.7 V
– Table 28: Typical and maximum current consumption in Stop mode - VDD=3.6 V
– Table 29: Typical and maximum current consumption in Standby mode - VDD= 1.7 V
– Table 30: Typical and maximum current consumption in Standby mode - VDD= 3.6 V
Table 88. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More