| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F411CEU7 bảng dữ liệu(PDF) 143 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F411CEU7 bảng dữ liệu(HTML) 143 Page - STMicroelectronics |
|
143 / 149 page ![]() DocID026289 Rev 6 143/149 STM32F411xC STM32F411xE Application block diagrams 146 Appendix B Application block diagrams B.1 USB OTG Full Speed (FS) interface solutions Figure 61. USB controller configured as peripheral-only and used in Full-Speed mode 1. The external voltage regulator is only needed when building a VBUS powered device. Figure 62. USB controller configured as host-only and used in Full-Speed mode 1. The current limiter is required only if the application has to support a VBUS powered device. A basic power switch can be used if 5V are available on the application board. |