công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F411CEU6 bảng dữ liệu(PDF) 143 Page - STMicroelectronics

tên linh kiện STM32F411CEU6
Giải thích chi tiết về linh kiện  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411CEU6 bảng dữ liệu(HTML) 143 Page - STMicroelectronics

Back Button STM32F411CEU6 Datasheet HTML 139Page - STMicroelectronics STM32F411CEU6 Datasheet HTML 140Page - STMicroelectronics STM32F411CEU6 Datasheet HTML 141Page - STMicroelectronics STM32F411CEU6 Datasheet HTML 142Page - STMicroelectronics STM32F411CEU6 Datasheet HTML 143Page - STMicroelectronics STM32F411CEU6 Datasheet HTML 144Page - STMicroelectronics STM32F411CEU6 Datasheet HTML 145Page - STMicroelectronics STM32F411CEU6 Datasheet HTML 146Page - STMicroelectronics STM32F411CEU6 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 149 page
background image
DocID026289 Rev 6
143/149
STM32F411xC STM32F411xE
Application block diagrams
146
Appendix B
Application block diagrams
B.1
USB OTG Full Speed (FS) interface solutions
Figure 61. USB controller configured as peripheral-only and used in Full-Speed mode
1. The external voltage regulator is only needed when building a VBUS powered device.
Figure 62. USB controller configured as host-only and used in Full-Speed mode
1. The current limiter is required only if the application has to support a VBUS powered device. A basic power
switch can be used if 5V are available on the application board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More