công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F411VE bảng dữ liệu(PDF) 142 Page - STMicroelectronics

tên linh kiện STM32F411VE
Giải thích chi tiết về linh kiện  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411VE bảng dữ liệu(HTML) 142 Page - STMicroelectronics

Back Button STM32F411VE Datasheet HTML 138Page - STMicroelectronics STM32F411VE Datasheet HTML 139Page - STMicroelectronics STM32F411VE Datasheet HTML 140Page - STMicroelectronics STM32F411VE Datasheet HTML 141Page - STMicroelectronics STM32F411VE Datasheet HTML 142Page - STMicroelectronics STM32F411VE Datasheet HTML 143Page - STMicroelectronics STM32F411VE Datasheet HTML 144Page - STMicroelectronics STM32F411VE Datasheet HTML 145Page - STMicroelectronics STM32F411VE Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 149 page
background image
Recommendations when using the internal reset OFF
STM32F411xC STM32F411xE
142/149
DocID026289 Rev 6
Appendix A
Recommendations when using the internal
reset OFF
When the internal reset is OFF, the following integrated features are no longer supported:
•
The integrated power-on-reset (POR)/power-down reset (PDR) circuitry is disabled.
•
The brownout reset (BRO) circuitry must be disabled. By default BOR is OFF.
•
The embedded programmable voltage detector (PVD) is disabled.
•
VBAT functionality is no more available and VBAT pin should be connected to VDD.
A.1
Operating conditions
Table 87. Limitations depending on the operating power supply range
Operating
power supply
range
ADC
operation
Maximum
Flash memory
access
frequency
with no wait
state
(fFlashmax)
Maximum
Flash memory
access
frequency
with no wait
states(1) (2)
1. Applicable only when the code is executed from Flash memory. When the code is executed from RAM, no
wait state is required.
2. Thanks to the ART accelerator and the 128-bit Flash memory, the number of wait states given here does
not impact the execution speed from Flash memory since the ART accelerator allows to achieve a
performance equivalent to 0 wait state program execution.
I/O operation
Possible
Flash memory
operations
VDD = 1.7 to
2.1 V(3)
3. VDD/VDDA minimum value of 1.7 V, with the use of an external power supply supervisor (refer to
Section 3.15.1: Internal reset ON).
Conversion
time up to
1.2 Msps
20 MHz(4)
4. Prefetch is not available. Refer to AN3430 application note for details on how to adjust performance and
power.
100 MHz with
6 wait states
No I/O
compensation
8-bit erase and
program
operations only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com