| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT89C51CC03C-RDTIM bảng dữ liệu(PDF) 111 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51CC03C-RDTIM bảng dữ liệu(HTML) 111 Page - ATMEL Corporation |
|
111 / 195 page ![]() 111 AT89C51CC03 4182I–CAN–06/05 Table 53. CANGIE Register CANGIE (S:C1h) CAN General Interrupt Enable Note: See Figure 50 Reset Value = xx00 000xb 76 543 210 - - ENRX ENTX ENERCH ENBUF ENERG - Bit Number Bit Mnemonic Description 7-6 - Reserved The values read from these bits are indeterminate. Do not set these bits. 5ENRX Enable Receive Interrupt 0 - Disable 1 - Enable 4ENTX Enable Transmit Interrupt 0 - Disable 1 - Enable 3 ENERCH Enable Message Object Error Interrupt 0 - Disable 1 - Enable 2 ENBUF Enable BUF Interrupt 0 - Disable 1 - Enable 1 ENERG Enable General Error Interrupt 0 - Disable 1 - Enable 0- Reserved The value read from this bit is indeterminate. Do not set this bit. |