công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320VC5501 bảng dữ liệu(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320VC5501
Giải thích chi tiết về linh kiện  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 bảng dữ liệu(HTML) 101 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 97Page - Texas Instruments TMS320VC5501 Datasheet HTML 98Page - Texas Instruments TMS320VC5501 Datasheet HTML 99Page - Texas Instruments TMS320VC5501 Datasheet HTML 100Page - Texas Instruments TMS320VC5501 Datasheet HTML 101Page - Texas Instruments TMS320VC5501 Datasheet HTML 102Page - Texas Instruments TMS320VC5501 Datasheet HTML 103Page - Texas Instruments TMS320VC5501 Datasheet HTML 104Page - Texas Instruments TMS320VC5501 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 193 page
background image
Functional Overview
101
December 2002 − Revised November 2004
SPRS206H
3.12 External Bus Control Register
The External Bus Control Register is used to disable/enable the bus pullups, pulldowns, and bus holders of
the 5501 pins. Table 3−45 lists which 5501 pins have pullups, pulldowns, and bus holders, and which bit on
the XBCR enables/disables that feature. Please note that for pins with dual functionality (e.g., HC0, HC1, C0,
etc.), the bus holder, pullup, and pulldown feature of each pin can be enabled or disabled regardless of the
function of the pin at the time.
Table 3−45. Pins With Pullups, Pulldowns, and Bus Holders
XBCR CONTROL BIT
PIN
FEATURE
TCK
Pullup
TEST
TDI
Pullup
TEST
TMS
Pullup
TRST
Pulldown
EMU
EMU1/OFF
Pullup
EMU
EMU0
Pullup
WDT
NMI/WDTOUT
Pullup
HC0
Pullup
HC1
Pulldown
HCNTL0
Pullup
HCNTL1
Pullup
HC
HCS
Pullup
HC
HR/W
Pullup
HDS1
Pullup
HDS2
Pullup
HRDY
Pullup
HINT
Pullup
HD
HD[7:0]
Bus Holder
C0
Bus Holder
C1
Bus Holder
C2
Bus Holder
C3
Pullup
C4
Bus Holder
C5
Bus Holder
C6
Bus Holder
PC
C7
Bus Holder
PC
C8
Bus Holder
C9
Bus Holder
C10
Bus Holder
C11
Bus Holder
C12
Bus Holder
C13
Bus Holder
C14
Pullup
C15
Bus Holder
PD
D[31:0]
Bus Holder
PA
A[21:2]
Bus Holder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com