công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI7621 bảng dữ liệu(PDF) 291 Page - Texas Instruments

tên linh kiện PCI7621
Giải thích chi tiết về linh kiện  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 bảng dữ liệu(HTML) 291 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 287Page - Texas Instruments PCI7621 Datasheet HTML 288Page - Texas Instruments PCI7621 Datasheet HTML 289Page - Texas Instruments PCI7621 Datasheet HTML 290Page - Texas Instruments PCI7621 Datasheet HTML 291Page - Texas Instruments PCI7621 Datasheet HTML 292Page - Texas Instruments PCI7621 Datasheet HTML 293Page - Texas Instruments PCI7621 Datasheet HTML 294Page - Texas Instruments PCI7621 Datasheet HTML 295Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 298 page
background image
14−1
14 Electrical Characteristics
14.1 Absolute Maximum Ratings Over Operating Temperature Ranges†
Supply voltage range, VR_PORT
−0.2 V to 2.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AVDD
−0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCC
−0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VDPLL_15
−0.5 V to 1.836 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VDPLL_33
−0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCCA
−0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCCB
−0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCCP
−0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SC_VCC_5V
−0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Clamping voltage range, VCCP, VCCA, and VCCB
−0.5 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: PCI, CardBus, PHY, SC, miscellaneous
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . .
Output voltage range, VO: PCI, CardBus, PHY, SC, miscellaneous
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 2)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Human Body Model (HBM) ESD performance
1500 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Applies for external input and bidirectional buffers. VI > VCC does not apply to fail-safe terminals. PCI terminals and miscellaneous
terminals are measured with respect to VCCP instead of VCC. PC Card terminals are measured with respect to CardBus VCC. The
limit specified applies for a dc condition.
2. Applies for external output and bidirectional buffers. VO > VCC does not apply to fail-safe terminals. PCI terminals and miscellaneous
terminals are measured with respect to VCCP instead of VCC. PC Card terminals are measured with respect to CardBus VCC. The
limit specified applies for a dc condition.
14.2 Recommended Operating Conditions (see Note 3)
OPERATION
MIN
NOM
MAX
UNIT
VR_PORT
(see Table 2−4 for description)
1.8 V
1.6
1.8
2
V
AVDD
3.3 V
3
3.3
3.6
V
VCC
3.3 V
3
3.3
3.6
V
VDPLL_15
1.5 V
1.35
1.5
1.65
V
VDPLL_33
3.3 V
3
3.3
3.6
V
VCCP
PCI and miscellaneous I/O clamp voltage
3.3 V
3
3.3
3.6
V
VCCP
PCI and miscellaneous I/O clamp voltage
5 V
4.75
5
5.25
V
VCCA
PC Card I/O clamp voltage
3.3 V
3
3.3
3.6
V
VCCA
PC Card I/O clamp voltage
5 V
4.75
5
5.25
V
VCCB
PC Card I/O clamp voltage
3.3 V
3
3.3
3.6
V
VCCB
PC Card I/O clamp voltage
5 V
4.75
5
5.25
V
SC_VCC_5V
5 V
4.75
5
5.25
V
NOTE 3: Unused terminals (input or I/O) must be held high or low to prevent them from floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com