| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
18F452 bảng dữ liệu(PDF) 175 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
18F452 bảng dữ liệu(HTML) 175 Page - Microchip Technology |
|
175 / 332 page ![]() 2002 Microchip Technology Inc. DS39564B-page 173 PIC18FXX2 FIGURE 16-2: ASYNCHRONOUS TRANSMISSION FIGURE 16-3: ASYNCHRONOUS TRANSMISSION (BACK TO BACK) TABLE 16-6: REGISTERS ASSOCIATED WITH ASYNCHRONOUS TRANSMISSION Word 1 STOP bit Word 1 Transmit Shift Reg START bit bit 0 bit 1 bit 7/8 Write to TXREG Word 1 BRG Output (Shift Clock) RC6/TX/CK (pin) TXIF bit (Transmit Buffer Reg. Empty Flag) TRMT bit (Transmit Shift Reg. Empty Flag) Transmit Shift Reg. Write to TXREG BRG Output (Shift Clock) RC6/TX/CK (pin) TXIF bit (Interrupt Reg. Flag) TRMT bit (Transmit Shift Reg. Empty Flag) Word 1 Word 2 Word 1 Word 2 START bit STOP bit START bit Transmit Shift Reg. Word 1 Word 2 bit 0 bit 1 bit 7/8 bit 0 Note: This timing diagram shows two consecutive transmissions. Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on All Other RESETS INTCON GIE/GIEH PEIE/GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 0000 000x 0000 000u PIR1 PSPIF(1) ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 0000 0000 0000 0000 PIE1 PSPIE(1) ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 0000 0000 0000 0000 IPR1 PSPIP(1) ADIP RCIP TXIP SSPIP CCP1IP TMR2IP TMR1IP 0000 0000 0000 0000 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 0000 -00x 0000 -00x TXREG USART Transmit Register 0000 0000 0000 0000 TXSTA CSRC TX9 TXEN SYNC — BRGH TRMT TX9D 0000 -010 0000 -010 SPBRG Baud Rate Generator Register 0000 0000 0000 0000 Legend: x = unknown, - = unimplemented locations read as '0'. Shaded cells are not used for Asynchronous Transmission. Note 1: The PSPIF, PSPIE and PSPIP bits are reserved on the PIC18F2X2 devices; always maintain these bits clear. |