| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F413RH bảng dữ liệu(PDF) 179 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F413RH bảng dữ liệu(HTML) 179 Page - STMicroelectronics |
|
179 / 207 page ![]() DocID029162 Rev 2 179/207 STM32F413xG/H Package information 205 7.2 UFQFPN48 package information Figure 66. UFQFPN48 - 48-lead, 7x7 mm, 0.5 mm pitch, ultra thin fine pitch quad flat package outline 1. Drawing is not to scale. 2. All leads/pads should also be soldered to the PCB to improve the lead/pad solder joint life. 3. There is an exposed die pad on the underside of the UFQFPN package. It is recommended to connect and solder this back-side pad to PCB ground. |