| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN8740 bảng dữ liệu(PDF) 110 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8740 bảng dữ liệu(HTML) 110 Page - Microchip Technology |
|
110 / 136 page ![]() LAN8740A/LAN8740Ai DS00001987A-page 110 2013-2015 Microchip Technology Inc. 4.3.25 TDR SHORT/OPEN THRESHOLD REGISTER Note 1: Software reset places the default values of this register into an indeterminate state. For proper operation of the TDR, the TDR Short Low Threshold and TDR Open High Threshold must be set to 5’h09 and 5’h12, respectively. Index (In Decimal): 30.12 Size: 16 bits Bits Description Type Default 15:10 RESERVED RO - 9:5 TDR Short Low Threshold Sets the lower threshold to detect short cable. R/W 5’h09 (see Note 1) 4:0 TDR Open High Threshold Sets the upper threshold to detect open cable. R/W 5’h12 (see Note 1) |