| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L475RE bảng dữ liệu(PDF) 182 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L475RE bảng dữ liệu(HTML) 182 Page - STMicroelectronics |
|
182 / 193 page ![]() Package information STM32L475xx 182/193 DocID027692 Rev 2 7 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 7.1 LQFP100 package information Figure 38. LQFP100 - 100-pin, 14 x 14 mm low-profile quad flat package outline 1. Drawing is not to scale. |