| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L475RE bảng dữ liệu(PDF) 128 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L475RE bảng dữ liệu(HTML) 128 Page - STMicroelectronics |
|
128 / 193 page ![]() Electrical characteristics STM32L475xx 128/193 DocID027692 Rev 2 All I/Os are CMOS- and TTL-compliant (no software configuration required). Their characteristics cover more than the strict CMOS-technology or TTL parameters. The coverage of these requirements is shown in Figure 19 for standard I/Os, and in Figure 19 for 5 V tolerant I/Os. Figure 19. I/O input characteristics Output driving current The GPIOs (general purpose input/outputs) can sink or source up to ±8 mA, and sink or source up to ± 20 mA (with a relaxed VOL/VOH). In the user application, the number of I/O pins which can drive current must be limited to respect the absolute maximum rating specified in Section 6.2: • The sum of the currents sourced by all the I/Os on VDDIOx, plus the maximum consumption of the MCU sourced on VDD, cannot exceed the absolute maximum rating ΣIVDD (see Table 19: Voltage characteristics). • The sum of the currents sunk by all the I/Os on VSS, plus the maximum consumption of the MCU sunk on VSS, cannot exceed the absolute maximum rating ΣIVSS (see Table 19: Voltage characteristics). |