công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32L072VZ bảng dữ liệu(PDF) 118 Page - STMicroelectronics

tên linh kiện STM32L072VZ
Giải thích chi tiết về linh kiện  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072VZ bảng dữ liệu(HTML) 118 Page - STMicroelectronics

Back Button STM32L072VZ Datasheet HTML 114Page - STMicroelectronics STM32L072VZ Datasheet HTML 115Page - STMicroelectronics STM32L072VZ Datasheet HTML 116Page - STMicroelectronics STM32L072VZ Datasheet HTML 117Page - STMicroelectronics STM32L072VZ Datasheet HTML 118Page - STMicroelectronics STM32L072VZ Datasheet HTML 119Page - STMicroelectronics STM32L072VZ Datasheet HTML 120Page - STMicroelectronics STM32L072VZ Datasheet HTML 121Page - STMicroelectronics STM32L072VZ Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 147 page
background image
Package information
STM32L072xx
118/147
DocID027100 Rev 3
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at www.st.com.
ECOPACK® is an ST trademark.
7.1
LQFP100 package information
Figure 41. LQFP100 - 100-pin, 14 x 14 mm low-profile quad flat package outline
1. Drawing is not to scale. Dimensions are in millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More