| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F746ZG bảng dữ liệu(PDF) 183 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746ZG bảng dữ liệu(HTML) 183 Page - STMicroelectronics |
|
183 / 227 page ![]() DocID027590 Rev 4 183/227 STM32F745xx STM32F746xx Electrical characteristics 195 NAND controller waveforms and timings Figure 66 through Figure 69 represent synchronous waveforms, and Table 100 and Table 101 provide the corresponding timings. The results shown in this table are obtained with the following FMC configuration: • COM.FMC_SetupTime = 0x01; • COM.FMC_WaitSetupTime = 0x03; • COM.FMC_HoldSetupTime = 0x02; • COM.FMC_HiZSetupTime = 0x01; • ATT.FMC_SetupTime = 0x01; • ATT.FMC_WaitSetupTime = 0x03; • ATT.FMC_HoldSetupTime = 0x02; • ATT.FMC_HiZSetupTime = 0x01; • Bank = FMC_Bank_NAND; • MemoryDataWidth = FMC_MemoryDataWidth_16b; • ECC = FMC_ECC_Enable; • ECCPageSize = FMC_ECCPageSize_512Bytes; • TCLRSetupTime = 0; • TARSetupTime = 0. In all timing tables, the THCLK is the HCLK clock period. Table 99. Synchronous non-multiplexed PSRAM write timings(1) 1. Guaranteed by characterization results. Symbol Parameter Min Max Unit t(CLK) FMC_CLK period 2THCLK−1 - ns td(CLKL-NExL) FMC_CLK low to FMC_NEx low (x=0..2) - 2.5 t(CLKH-NExH) FMC_CLK high to FMC_NEx high (x= 0…2) THCLK+0.5 - td(CLKL-NADVL) FMC_CLK low to FMC_NADV low - 1.5 td(CLKL-NADVH) FMC_CLK low to FMC_NADV high 0 - td(CLKL-AV) FMC_CLK low to FMC_Ax valid (x=16…25) - 2.5 td(CLKH-AIV) FMC_CLK high to FMC_Ax invalid (x=16…25) 0 - td(CLKL-NWEL) FMC_CLK low to FMC_NWE low - 1.5 td(CLKH-NWEH) FMC_CLK high to FMC_NWE high THCLK+1 - td(CLKL-Data) FMC_D[15:0] valid data after FMC_CLK low - 3 td(CLKL-NBLL) FMC_CLK low to FMC_NBL low 1.5 - td(CLKH-NBLH) FMC_CLK high to FMC_NBL high THCLK+0.5 - tsu(NWAIT-CLKH) FMC_NWAIT valid before FMC_CLK high 2 - th(CLKH-NWAIT) FMC_NWAIT valid after FMC_CLK high 3.5 - |