| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F746ZG bảng dữ liệu(PDF) 144 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746ZG bảng dữ liệu(HTML) 144 Page - STMicroelectronics |
|
144 / 227 page ![]() Electrical characteristics STM32F745xx STM32F746xx 144/227 DocID027590 Rev 4 5.3.18 NRST pin characteristics The NRST pin input driver uses CMOS technology. It is connected to a permanent pull-up resistor, RPU (see Table 56: I/O static characteristics). Unless otherwise specified, the parameters given in Table 59 are derived from tests performed under the ambient temperature and VDD supply voltage conditions summarized in Table 17. Figure 40. Recommended NRST pin protection 1. The reset network protects the device against parasitic resets. 2. The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in Table 59. Otherwise the reset is not taken into account by the device. Table 59. NRST pin characteristics Symbol Parameter Conditions Min Typ Max Unit RPU Weak pull-up equivalent resistor(1) VIN = VSS 30 40 50 k Ω VF(NRST)(2) NRST Input filtered pulse - - - 100 ns VNF(NRST)(2) NRST Input not filtered pulse VDD > 2.7 V 300 - - ns TNRST_OUT Generated reset pulse duration Internal Reset source 20 - - µs 1. The pull-up is designed with a true resistance in series with a switchable PMOS. This PMOS contribution to the series resistance must be minimum (~10% order) . 2. Guaranteed by design. |