| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32469VI bảng dữ liệu(PDF) 196 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32469VI bảng dữ liệu(HTML) 196 Page - STMicroelectronics |
|
196 / 217 page ![]() Package information STM32F469xx 196/217 DocID028196 Rev 3 Figure 84. LQFP144 - 144-pin,20 x 20 mm low-profile quad flat package recommended footprint 1. Dimensions are expressed in millimeters. Device Marking for LQFP144 Figure 85 gives an example of topside marking orientation versus pin 1 identifier location. Figure 85. LQFP144 marking example (package top view) 1. Samples marked "ES" are to be considered as “Engineering Samples”: i.e. they are intended to be sent to customer for electrical compatibility evaluation and may be used to start customer qualification where specifically authorized by ST in writing. In no event ST will be liable for any customer usage in production. Only if ST has authorized in writing the customer qualification Engineering Samples can be used for reliability qualification trials. |