| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AL3LE8x bảng dữ liệu(PDF) 120 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AL3LE8x bảng dữ liệu(HTML) 120 Page - STMicroelectronics |
|
120 / 133 page ![]() Package information STM8AL31E8x STM8AL3LE8x 120/133 DocID027180 Rev 5 10 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 10.1 LQFP80 package information Figure 46. LQFP80 - 80-pin, 14 x 14 mm low-profile quad flat package outline 1. Drawing is not to scale. |