| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS89712-CB bảng dữ liệu(PDF) 164 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS89712-CB bảng dữ liệu(HTML) 164 Page - Cirrus Logic |
|
164 / 170 page ![]() CS89712 164 DS502PP2 Appendix A - Terms Acronyms, abbreviations, units of measurement, and conventions used in this document. Acronyms and Abbreviations Table 93 lists abbreviations and acronyms. Acronym Definition A/D Analog-to-Digital. ADC Analog-to-Digital Converter. BufCFG Buffer Configuration. BufEvent Buffer Event. BusCTL Bus Control. BusST Bus State. CODEC Coder / Decoder. CRC Cyclic Redundancy Check. CS Carrier Sense. CSMA/CD Carrier Sense Multiple Access with Colli- sion Detection. DA Destination Address. D/A Digital-to-Analog. ENDEC Manchester Encoder/Decoder. EOF End-of-Frame. EPB Embedded Peripheral Bus. FCS Frame Check Sequence. FDX Full Duplex. GPIO General Purpose I/O. IA Individual Address. ICT In Circuit Test. IPG Inter-Packet Gap. IR Infrared. IrDA Infrared Data Association. ISQ Interrupt Status Queue. JTAG Joint Test Action Group. Line CTL Ethernet Line Control. Table 93. Acronyms and Abbreviations LineST Ethernet Line Status. LLC Logical Link Control. LQFP Low Profile Quad Flat Pack. MAC Media Access Control. MAU Medium Attachment Unit. MIB Management Information Base. MMU Memory Management Unit. PBGA Plastic Ball Grid Array. PDA Personal Digital Assistant. PIA Peripheral Interface Adapter. PLL Phase Locked Loop. PSU Power Supply Unit. p/u Pull-Up Resistor. RTC Real-Time Clock. RxCFG Receive Configuration. RxCTL Receive Control. RxEvent Receive Event. SelfCTL Self Control. SA Source or System Address. SelfST Self Status. SFD Start-of-Frame Delimiter. SIR Slow (9.6 – 115.2 kbps) Infrared. SNMP Simple Network Management Protocol. SOF Start-of-Frame. SQE Signal Quality Error. SSI Synchronous Serial Interface. TAP Test Access Port. TestCTL Test Control. TLB Translation Lookaside Buffer. TxCFG Transmit Configuration. TxCMD Transmit Command. TxEvent Transmit Event. UTP Unshielded Twisted Pair. Acronym Definition Table 93. Acronyms and Abbreviations (Continued) |