công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI1520 bảng dữ liệu(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCI1520
Giải thích chi tiết về linh kiện  PC CARD CONTROLLERS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI1520 bảng dữ liệu(HTML) 101 Page - Texas Instruments

Back Button PCI1520 Datasheet HTML 97Page - Texas Instruments PCI1520 Datasheet HTML 98Page - Texas Instruments PCI1520 Datasheet HTML 99Page - Texas Instruments PCI1520 Datasheet HTML 100Page - Texas Instruments PCI1520 Datasheet HTML 101Page - Texas Instruments PCI1520 Datasheet HTML 102Page - Texas Instruments PCI1520 Datasheet HTML 103Page - Texas Instruments PCI1520 Datasheet HTML 104Page - Texas Instruments PCI1520 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 138 page
background image
5−5
5.1
ExCA Identification and Revision Register
The ExCA identification and revision register provides host software with information on 16-bit PC Card support and
Intel 82365SL-DF compatibility. This register is read-only or read/write, depending on the setting of bit 5
(SUBSYSRW) in the system control register (PCI offset 80h, see Section 4.29). See Table 5−2 for a complete
description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
ExCA identification and revision
Type
R
R
RW
RW
RW
RW
RW
RW
Default
1
0
0
0
0
1
0
0
Register:
ExCA identification and revision
Offset:
CardBus socket address + 800h; Card A ExCA offset 00h
Card B ExCA offset 40h
Type:
Read-only, Read/Write
Default:
84h
Table 5−2. ExCA Identification and Revision Register Description
BIT
SIGNAL
TYPE
FUNCTION
7−6
IFTYPE
R
Interface type. These bits, which are hardwired as 10b, identify the 16-bit PC Card support provided by the
PCI1520. The PCI1520 supports both I/O and memory 16-bit PC cards.
5−4
RSVD
RW
Reserved. Bits 5 and 4 can be used for Intel 82365SL-DF emulation.
3−0
365REV
RW
Intel 82365SL-DF revision. This field stores the Intel 82365SL-DF revision supported by the PCI1520. Host
software can read this field to determine compatibility to the Intel 82365SL-DF register set. Writing 0010b to
this field puts the controller in 82365SL mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com