| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNETV2685FIBZUTA11 bảng dữ liệu(PDF) 187 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETV2685FIBZUTA11 bảng dữ liệu(HTML) 187 Page - Texas Instruments |
|
187 / 190 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 12-Mar-2016 Addendum-Page 3 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples D1.1GHZ TMS320DM648ZUTD7 NRND FCBGA ZUT 529 84 Pb-Free (RoHS Exempt) SNAGCU Level-4-245C-72HR -40 to 90 TMS320DM648ZUT @2007 TI D720MHZ TMS320DM648ZUTD9 NRND FCBGA ZUT 529 84 Pb-Free (RoHS Exempt) SNAGCU Level-4-245C-72HR -40 to 90 TMS320DM648ZUT @2007 TI D900MHZ TNETV2685FIBZUT11 OBSOLETE FCBGA ZUT 529 Pb-Free (RoHS Exempt) SNAGCU Level-4-245C-72HR 0 to 90 TMS320DM648ZUT @2007 TI 1.1GHZ TNETV2685FIBZUTA11 OBSOLETE FCBGA ZUT 529 TBD Call TI Call TI -40 to 90 TMS320DM648ZUT @2007 TI D1.1GHZ TNETV2685FIDZUT11 OBSOLETE FCBGA ZUT 529 Pb-Free (RoHS Exempt) SNAGCU Level-4-245C-72HR 0 to 90 TMS320DM648ZUT @2007 TI 1.1GHZ TNETV2685FIDZUTA11 OBSOLETE FCBGA ZUT 529 TBD Call TI Call TI -40 to 90 TMS320DM648ZUT @2007 TI D1.1GHZ TNETV2685VIDZUT11 OBSOLETE FCBGA ZUT 529 Pb-Free (RoHS Exempt) SNAGCU Level-4-245C-72HR 0 to 90 TMS320DM648ZUT @2007 TI 1.1GHZ TNETV2685VIDZUTA11 OBSOLETE FCBGA ZUT 529 TBD Call TI Call TI -40 to 90 TMS320DM648ZUT @2007 TI D1.1GHZ TNETV2685ZUT11 OBSOLETE FCBGA ZUT 529 Pb-Free (RoHS Exempt) SNAGCU Level-4-245C-72HR 0 to 90 TMS320DM648ZUT @2007 TI 1.1GHZ TNETV2685ZUTA11 OBSOLETE FCBGA ZUT 529 TBD Call TI Call TI -40 to 90 TMS320DM648ZUT @2007 TI D1.1GHZ (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. |