| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASBSV4-LED5 bảng dữ liệu(PDF) 128 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSV4-LED5 bảng dữ liệu(HTML) 128 Page - Lumberg |
|
128 / 178 page ![]() 1-717-217-2299 www.lumberg-automationusa.com 128 0976 PMC 202 Part No. 0976 PMC 202 M23 Field Attachable, Male Straight Field Attachable Connector, M23 Male Straight, 12-Poles with Threaded Joint, Assembling with Solder Connections, IP 67 Rated. – Especially suitable for Profibus signal cable: 0975 254 000/...M – Screw Joints for Cables Ø 10,5 mm FWD 5 FWD 5 0979 PTX 101 0979 PTX 201 Part No. 0979 PTX 101 Part No. 0979 PTX 201 Profibus Terminating Resistor, M12-Male Connector, 4-Poles, B-Coding. Profibus Terminating Resistor for M23-Bus Connection, 12-Poles. 0976 PMC 501 Part No. 0976 PMC 501 M23 Field Attachable, Male Straight Field Attachable Connector, SUBD Male, 9-Poles for Profibus, switch-on terminating resistor, Assembling with Screw Terminals, IP 67 Rated. Profibus Profibus-DP-Field Attachable Connectors, Accessories ZVK 2 Part No. ZVK 2 Dust Cover M23 Dust Cover for Unused M23 Male Connectors. |