công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

V-10-2A4-T bảng dữ liệu(PDF) 15 Page - Omron Electronics LLC

tên linh kiện V-10-2A4-T
Giải thích chi tiết về linh kiện  Miniature Basic Switch that Offers High Reliability and Security
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-10-2A4-T bảng dữ liệu(HTML) 15 Page - Omron Electronics LLC

Back Button V-10-2A4-T Datasheet HTML 8Page - Omron Electronics LLC V-10-2A4-T Datasheet HTML 9Page - Omron Electronics LLC V-10-2A4-T Datasheet HTML 10Page - Omron Electronics LLC V-10-2A4-T Datasheet HTML 11Page - Omron Electronics LLC V-10-2A4-T Datasheet HTML 12Page - Omron Electronics LLC V-10-2A4-T Datasheet HTML 13Page - Omron Electronics LLC V-10-2A4-T Datasheet HTML 14Page - Omron Electronics LLC V-10-2A4-T Datasheet HTML 15Page - Omron Electronics LLC V-10-2A4-T Datasheet HTML 16Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
V
Miniature Basic Switch
V
Note 1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Note 2. The operating characteristics are for operation in the A direction (
).
Precautions
★Please read "Common Precautions" for correct use.
●Soldering
• Connecting to Solder Terminals
Complete the soldering at the iron tip temperature of 250 to
350
°C (60W) within 5 seconds, and do not apply any external
force for 1 minute after soldering.
Be sure to apply only the minimum required amount of flux.It
may result in contact failure once the flux penetrates into the
internal part of the Switch.
• Connecting to Quick-connect Terminals #187
Insert the receptacle of quick-connect terminal #187 straight
toward the terminal.
Applying excessive external force horizontally or vertically may
cause deformation of terminals and may damage the
housings.
• Connecting to Quick-connect Terminals #250
Insert the receptacle of quick-connect terminal #250 straight
toward the terminal.
Applying excessive external force horizontally or vertically may
cause deformation of terminals and may damage the
housings.
●Mounting
Use M3 mounting screw with plane washers or spring washers to
securely mount the Switch.Tighten the screws to a torque of 0.39
to 0.59N·m {4 to 6 kgf·cm}.
●Simulated roller lever
V-154-1
@6
V-154-1
@5
V-104-1
@5
V-104-1
@4
Operating
characteristics
Model V-154-1
@6
V-154-1
@5
V-104-1
@5
V-104-1
@4
OF max.
RF min.
2.45N
0.25N
1.23N
0.14N
0.59N
0.06N
PT max.
OT min.
MD max.
4.0mm
1.6mm
1.5mm
OP
18.7
±1.2mm
3.1+0.13
−0.03
2.8
10.3±0.1
φ3.1+0.13 hole
−0.03
18.8
37.8±0.8
22.2±0.1
φ3.4±0.15
(10)
27.8
2.8
15.9
10.3
2.8
4.3
32.6±0.8
t=0.5 *
R3.5
OP
PT
8.1
A
t=0.5
Three, solder terminals
* Stainless-steel lever
3.1+0.13
−0.03
2.8
10.3±0.1
φ3.1+0.13 hole
−0.03
18.8
37.8±0.8
22.2±0.1
φ3.4±0.15
(10)
27.8
2.8
15.9
10.3
5.1
OP
PT
20.1
A
t=0.5 *
8.1
φ4.8×4.8 *2
t=0.5
Three, solder terminals
*1. Stainless-steel lever
*2. Polyacetal resin roller
●Short hinge roller lever
V-155-1
@6
V-155-1
@5
V-105-1
@5
V-105-1
@4
Operating
characteristics
Model V-155-1
@6
V-155-1
@5
V-105-1
@5
V-105-1
@4
OF max.
RF min.
4.71N
0.49N
2.35N
0.49N
1.18N
0.15N
PT max.
OT min.
MD max.
1.6mm
0.8mm
0.6mm
OP
20.7
±0.6mm
Stainless steel roller for heat-resistive models
3.1+0.13
−0.03
2.8
10.3±0.1
φ3.1+0.13 hole
−0.03
18.8
37.8±0.8
22.2±0.1
φ3.4±0.15
(10)
27.8
2.8
15.9
10.3
5.1
8.1
φ4.8×4.8 *2
34±0.8
OP
PT
A
t=0.5 *1
t=0.5
Three, solder terminals
*1. Stainless-steel lever
*2. Polyacetal resin roller
●Hinge roller lever
V-156-1
@6
V-156-1
@5
V-106-1
@5
V-106-1
@4
Operating
characteristics
Model V-156-1
@6
V-156-1
@5
V-106-1
@5
V-106-1
@4
OF max.
RF min.
2.45N
0.25N
1.23N
0.14N
0.59N
0.06N
PT max.
OT min.
MD max.
4.0mm
1.6mm
1.5mm
OP
20.7
±1.2mm
Stainless steel roller for heat-resistive models
Precautions for Safe Use
Precautions for Correct Use


Số phần tương tự - V-10-2A4-T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
V-10-2A4-T ETC2-V-10-2A4-T Datasheet
1Mb / 16P
   Miniature Basic Switch
More results

Mô tả tương tự - V-10-2A4-T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Omron Electronics LLC
V-15G2-1C26-K OMRON-V-15G2-1C26-K Datasheet
1Mb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
logo
List of Unclassifed Man...
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com