công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

V-10-2C25 bảng dữ liệu(PDF) 12 Page - Omron Electronics LLC

tên linh kiện V-10-2C25
Giải thích chi tiết về linh kiện  Miniature Basic Switch that Offers High Reliability and Security
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-10-2C25 bảng dữ liệu(HTML) 12 Page - Omron Electronics LLC

Back Button V-10-2C25 Datasheet HTML 8Page - Omron Electronics LLC V-10-2C25 Datasheet HTML 9Page - Omron Electronics LLC V-10-2C25 Datasheet HTML 10Page - Omron Electronics LLC V-10-2C25 Datasheet HTML 11Page - Omron Electronics LLC V-10-2C25 Datasheet HTML 12Page - Omron Electronics LLC V-10-2C25 Datasheet HTML 13Page - Omron Electronics LLC V-10-2C25 Datasheet HTML 14Page - Omron Electronics LLC V-10-2C25 Datasheet HTML 15Page - Omron Electronics LLC V-10-2C25 Datasheet HTML 16Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
V
Miniature Basic Switch
V
Dimensions and Operating Characteristics
The following illustrations and drawings are for quick-connect terminals #250 (terminals C). V models with a switching current of 16 A and 11 A incorporate solder
terminals (A) and quick-connect termimals #187 (C2). These models are different from #250 models in terminal size only. Dimensions of solder terminals (A) and quick-
connect terminal #187 (C2) are omitted. Please refer to the "Terminals and Shapes" on previous page.
The
@ is replaced with the code for the terminals. See the "List of Models" for available combinations of shapes.
Note 1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Note 2. The operating characteristics are for operation in the A direction (
).
Thermoplastic Case
V-21/-16 Models
19.1
39.8±0.8
22.2±0.1
20.2±0.25
φ3.4±0.15
(12.0)
27.8
2.8
3.1+0.13
−0.03
2.8
OP
PT
10.3±0.1
15.9
φ3.1+0.13 hole
−0.03
2.8
1.6
Three, quick-connect
terminals (#250) (t0.8)
10.3
2.8
4.2
A
●Pin plunger
V-21-1
@6
V-16-1
@6
V-16-1
@5
Operating
characteristics
Model
V-21-1
@6
V-16-1
@6
V-16-1
@5
OF max.
RF min.
3.92N
0.78N
1.96N
0.49N
PT max.
OT min.
MD max.
1.2mm
1.0mm
0.4mm
OP
14.7
±0.4mm
●Short hinge lever
V-211-1
@6
V-161-1
@6
V-161-1
@5
Operating
characteristics
Model
V-211-1
@6
V-161-1
@6
V-161-1
@5
OF max.
RF min.
3.92N
0.49N
1.96N
0.49N
PT max.
OT min.
MD max.
1.6mm
0.8mm
0.6mm
OP
15.2
±0.5mm
19.1
39.8±0.8
22.2±0.1
φ3.4±0.15
(12.0)
27.8
2.8
3.1+0.13
−0.03
2.8
OP
PT
10.3±0.1
15.9
φ3.1+0.13 hole
−0.03
1.6
Three, quick-connect
terminals (#250) (t0.8)
10.3
2.8
4.3
22.1
A
8.1
t=0.5 *
* Stainless-steel lever
●Hinge lever
V-212-1
@6
V-162-1
@6
V-162-1
@5
Operating
characteristics
Model
V-212-1
@6
V-162-1
@6
V-162-1
@5
OF max.
RF min.
2.45N
0.25N
1.23N
0.14N
PT max.
OT min.
MD max.
4.0mm
1.6mm
1.5mm
OP
15.2
±1.2mm
19.1
39.8±0.8
22.2±0.1
φ3.4±0.15
(12.0)
27.8
2.8
2.8
OP
PT
10.3±0.1
35.6±0.8
15.9
φ3.1+0.13 hole
−0.03
1.6
Three, quick-connect
terminals (#250) (t0.8)
10.3
2.8
4.3
8.1
t=0.5 *
A
* Stainless-steel lever
3.1+0.13
−0.03
●Long Hinge Lever Models
V-213-1
@6
V-163-1
@6
V-163-1
@5
Operating
characteristics
Model
V-213-1
@6
V-163-1
@6
V-163-1
@5
OF max.
RF min.
1.27N
0.12N
0.69N
0.06N
PT max.
OT min.
MD max.
9.0mm
2.0mm
2.8mm
OP
15.2
mm
+2.6
−3.2
19.1
39.8±0.8
22.2±0.1
φ3.4±0.15
(12.0)
27.8
2.8
3.1+0.13
−0.03
2.8
10.3±0.1
15.9
φ3.1+0.13 hole
−0.03
1.6
10.3
2.8
4.3
t=0.5 *
59.4±0.8
OP
PT
8.1
A
Three, quick-connect
terminals (#250) (t0.8)
* Stainless-steel lever


Số phần tương tự - V-10-2C25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
V-10-2A4-T ETC2-V-10-2A4-T Datasheet
1Mb / 16P
   Miniature Basic Switch
More results

Mô tả tương tự - V-10-2C25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Omron Electronics LLC
V-15G2-1C26-K OMRON-V-15G2-1C26-K Datasheet
1Mb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
logo
List of Unclassifed Man...
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com