công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SKY13523-639LF bảng dữ liệu(PDF) 2 Page - Skyworks Solutions Inc.

tên linh kiện SKY13523-639LF
Giải thích chi tiết về linh kiện  0.7 to 3.0 GHz High-Isolation SP3T Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SKYWORKS [Skyworks Solutions Inc.]
Trang chủ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13523-639LF bảng dữ liệu(HTML) 2 Page - Skyworks Solutions Inc.

  SKY13523-639LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DATA SHEET • SKY13523-639LF: HIGH-ISOLATION SP3T SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
August 21, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202834B
S3403a
1
4
3
2
11
8
9
10
5
6
7
14
13
12
GND
RFC
VDD
GND
GND
V1
V2
N/C
Figure 2. SKY13523-639LF Pinout – 14-Pin QFN
(Top View)
Table 1. SKY13523-639LF Signal Descriptions (Note 1)
Pin
Name
Description
Pin
Name
Description
1
GND
Ground
8
N/C
Not connected
2
RFC
Antenna port. No DC blocking capacitor required.
9
V2
Control voltage 2
3
VDD
DC power supply
10
V1
Control voltage 1
4
GND
Ground
11
GND
Ground
5
N/C
Not connected
12
RF2
RF input/output port 2. DC blocking capacitor required.
6
GND
Ground
13
GND
Ground
7
RF3
RF input/output port 3. DC blocking capacitor required.
14
RF1
RF input/output port 1. DC blocking capacitor required.
Note 1: Bottom ground paddles must be connected to ground.
Functional Description
The SKY13523-639LF includes an internal decoder and internal
blocking capacitors on the RF common ports. External DC
blocking capacitors are required on the RF1, RF2, and RF3 ports
for proper operation. DC decoupling capacitors may be added on
the VDD and control lines if necessary.
Switching is controlled by two control voltage inputs, V1 and V2.
Depending on the logic voltage level applied to the control pins,
the antenna pin is connected to one of three switched RF outputs.
Electrical and Mechanical Specifications
The absolute maximum ratings of the SKY13523-639LF are
provided in Table 2. Electrical specifications are provided in
Table 3.
The state of the SKY13523-639LF is determined by the logic
shown in Table 4.


Số phần tương tự - SKY13523-639LF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Skyworks Solutions Inc.
SKY13522-644LF SKYWORKS-SKY13522-644LF Datasheet
701Kb / 10P
0.7 to 3.0 GHz High Isolation (Single Bit Control) SPDT Switch
SKY13524-639LF SKYWORKS-SKY13524-639LF Datasheet
535Kb / 10P
0.7 to 3.0 GHz High Isolation SP4T Switch
SKY13524-639LF-EVB SKYWORKS-SKY13524-639LF-EVB Datasheet
535Kb / 10P
0.7 to 3.0 GHz High Isolation SP4T Switch
SKY13525-646LF SKYWORKS-SKY13525-646LF Datasheet
686Kb / 17P
0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
SKY13525-646LF-EVB SKYWORKS-SKY13525-646LF-EVB Datasheet
686Kb / 17P
0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
More results

Mô tả tương tự - SKY13523-639LF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Skyworks Solutions Inc.
SKY13524-639LF SKYWORKS-SKY13524-639LF Datasheet
535Kb / 10P
0.7 to 3.0 GHz High Isolation SP4T Switch
SKY13522-644LF SKYWORKS-SKY13522-644LF Datasheet
701Kb / 10P
0.7 to 3.0 GHz High Isolation (Single Bit Control) SPDT Switch
logo
Hexawave, Inc
HWS534_V1 HW-HWS534_V1 Datasheet
88Kb / 3P
GaAs 0.5-3.0 GHz SP3T Switch
logo
M/A-COM Technology Solu...
MASWSS0169-V3 MA-COM-MASWSS0169-V3 Datasheet
101Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
logo
Tyco Electronics
SW-439 MACOM-SW-439 Datasheet
99Kb / 2P
GaAs High Isolation Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0169 MA-COM-MASWSS0169 Datasheet
78Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
SW-439 MA-COM-SW-439 Datasheet
77Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0169 MACOM-MASWSS0169 Datasheet
180Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
logo
RF Micro Devices
RFSW6032 RFMD-RFSW6032 Datasheet
846Kb / 9P
Low Insertion High Isolation SP3T Switch
logo
New Japan Radio
NJG1683ME7 NJRC-NJG1683ME7 Datasheet
395Kb / 13P
High Isolation X-SP3T (DP6T) SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com