công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SKY13523-639LF bảng dữ liệu(PDF) 7 Page - Skyworks Solutions Inc.

tên linh kiện SKY13523-639LF
Giải thích chi tiết về linh kiện  0.7 to 3.0 GHz High-Isolation SP3T Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SKYWORKS [Skyworks Solutions Inc.]
Trang chủ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13523-639LF bảng dữ liệu(HTML) 7 Page - Skyworks Solutions Inc.

  SKY13523-639LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DATA SHEET • SKY13523-639LF: HIGH-ISOLATION SP3T SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202834B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 21, 2015
7
Top View
Side View
Bottom View
0.05 C
Pin 1
Indicator
2X
14X
3
5
M
C
0.10
1.60
1.60
A
C
0.02 +0.03
–0.02
0.2 ± 0.05
0.18 ± 0.05
0.150 Typ
0.2 ± 0.05
0.18 ± 0.05
0.18 ± 0.05
0.45 +0.05
–0.04
0.74 +0.1
–0.15
0.74 +0.1
–0.15
14X 0.200 Min
See Detail A
See Detail B
See Detail C
R0.22
Pin 1 Indicator
Exposed Pad
0.40 Pitch
B
R0.05 Typ
0.18 ± 0.05
0.2 ± 0.05
0.163 ± 0.05
R0.05 Typ.
R0.05 Typ
R0.05 Typ
0.10
C A B
M
0.05
C
Detail A
Scale: 100X
1X This Rotation
1X Rotated 180°
Detail B
Scale: 100X
1X This Rotation
1X Rotated 180°
1X Mirrored
1X Mirrored 180°
Detail C
Scale: 100X
1X This Rotation
1X Rotated 180°
1X Rotated 90° CW
1X Rotated 90° CCW
Notes:
1. All measurements are in millimeters.
2. Dimensions and tolerances according to ASME Y14.5M-1994.
3. Coplanarity applies to the terminals and all other bottom surface metallization.
4. Plating requirement per source control drawing (SCD) 2504.
5. Dimension applies to metallized terminal. If the terminal has a radius on its end,
the width dimension should not be measured in that radius area.
0.05 C
2X
0.08 C
S3402
0.150 Typ
1
4
5
7
8
11
12
14
20°
0.10
0.20
5
M
0.10
C A B
M
0.05
C
0.150 Typ
Figure 7. SKY13523-639LF 14-Pin QFN Package Dimensions


Số phần tương tự - SKY13523-639LF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Skyworks Solutions Inc.
SKY13522-644LF SKYWORKS-SKY13522-644LF Datasheet
701Kb / 10P
0.7 to 3.0 GHz High Isolation (Single Bit Control) SPDT Switch
SKY13524-639LF SKYWORKS-SKY13524-639LF Datasheet
535Kb / 10P
0.7 to 3.0 GHz High Isolation SP4T Switch
SKY13524-639LF-EVB SKYWORKS-SKY13524-639LF-EVB Datasheet
535Kb / 10P
0.7 to 3.0 GHz High Isolation SP4T Switch
SKY13525-646LF SKYWORKS-SKY13525-646LF Datasheet
686Kb / 17P
0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
SKY13525-646LF-EVB SKYWORKS-SKY13525-646LF-EVB Datasheet
686Kb / 17P
0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
More results

Mô tả tương tự - SKY13523-639LF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Skyworks Solutions Inc.
SKY13524-639LF SKYWORKS-SKY13524-639LF Datasheet
535Kb / 10P
0.7 to 3.0 GHz High Isolation SP4T Switch
SKY13522-644LF SKYWORKS-SKY13522-644LF Datasheet
701Kb / 10P
0.7 to 3.0 GHz High Isolation (Single Bit Control) SPDT Switch
logo
Hexawave, Inc
HWS534_V1 HW-HWS534_V1 Datasheet
88Kb / 3P
GaAs 0.5-3.0 GHz SP3T Switch
logo
M/A-COM Technology Solu...
MASWSS0169-V3 MA-COM-MASWSS0169-V3 Datasheet
101Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
logo
Tyco Electronics
SW-439 MACOM-SW-439 Datasheet
99Kb / 2P
GaAs High Isolation Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0169 MA-COM-MASWSS0169 Datasheet
78Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
SW-439 MA-COM-SW-439 Datasheet
77Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0169 MACOM-MASWSS0169 Datasheet
180Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
logo
RF Micro Devices
RFSW6032 RFMD-RFSW6032 Datasheet
846Kb / 9P
Low Insertion High Isolation SP3T Switch
logo
New Japan Radio
NJG1683ME7 NJRC-NJG1683ME7 Datasheet
395Kb / 13P
High Isolation X-SP3T (DP6T) SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com