công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SKY13523-639LF bảng dữ liệu(PDF) 4 Page - Skyworks Solutions Inc.

tên linh kiện SKY13523-639LF
Giải thích chi tiết về linh kiện  0.7 to 3.0 GHz High-Isolation SP3T Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SKYWORKS [Skyworks Solutions Inc.]
Trang chủ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13523-639LF bảng dữ liệu(HTML) 4 Page - Skyworks Solutions Inc.

  SKY13523-639LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13523-639LF Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DATA SHEET • SKY13523-639LF: HIGH-ISOLATION SP3T SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
August 21, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202834B
Table 4. SKY13523-639LF Control Logic
VDD
(Pin 3)
V1
(Pin 10)
V2
(Pin 9)
Insertion Loss Path
1
1
0
RFC to RF1
1
0
0
RFC to RF2
1
0
1
RFC to RF3
Note:
“1” = 1.8 V; “0” = 0 V. Any state other than that described in this Table places the switch into an undefined state. An undefined state will not damage the device.
Evaluation Board Description
The SKY13523-639LF Evaluation Board is used to test the
performance of the SKY13523-639LF SP3T Switch. An Evaluation
Board schematic diagram is provided in Figure 3. An assembly
drawing for the Evaluation Board is shown in Figure 4.
Package Dimensions
The PCB layout footprint for the SKY13523-639LF is provided in
Figure 5. Typical part markings are shown in Figure 6. Package
dimensions for the 14-pin QFN are shown in Figure 7, and tape
and reel dimensions are provided in Figure 8.
Package and Handling Information
Instructions on the shipping container label regarding exposure to
moisture after the container seal is broken must be followed.
Otherwise, problems related to moisture absorption may occur
when the part is subjected to high temperature during solder
assembly.
The SKY13523-639LF is rated to Moisture Sensitivity Level 1
(MSL1) at 260
C. It can be used for lead or lead-free soldering.
For additional information, refer to the Skyworks Application Note,
Solder Reflow Information, document number 200164.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format.


Số phần tương tự - SKY13523-639LF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Skyworks Solutions Inc.
SKY13522-644LF SKYWORKS-SKY13522-644LF Datasheet
701Kb / 10P
0.7 to 3.0 GHz High Isolation (Single Bit Control) SPDT Switch
SKY13524-639LF SKYWORKS-SKY13524-639LF Datasheet
535Kb / 10P
0.7 to 3.0 GHz High Isolation SP4T Switch
SKY13524-639LF-EVB SKYWORKS-SKY13524-639LF-EVB Datasheet
535Kb / 10P
0.7 to 3.0 GHz High Isolation SP4T Switch
SKY13525-646LF SKYWORKS-SKY13525-646LF Datasheet
686Kb / 17P
0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
SKY13525-646LF-EVB SKYWORKS-SKY13525-646LF-EVB Datasheet
686Kb / 17P
0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
More results

Mô tả tương tự - SKY13523-639LF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Skyworks Solutions Inc.
SKY13524-639LF SKYWORKS-SKY13524-639LF Datasheet
535Kb / 10P
0.7 to 3.0 GHz High Isolation SP4T Switch
SKY13522-644LF SKYWORKS-SKY13522-644LF Datasheet
701Kb / 10P
0.7 to 3.0 GHz High Isolation (Single Bit Control) SPDT Switch
logo
Hexawave, Inc
HWS534_V1 HW-HWS534_V1 Datasheet
88Kb / 3P
GaAs 0.5-3.0 GHz SP3T Switch
logo
M/A-COM Technology Solu...
MASWSS0169-V3 MA-COM-MASWSS0169-V3 Datasheet
101Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
logo
Tyco Electronics
SW-439 MACOM-SW-439 Datasheet
99Kb / 2P
GaAs High Isolation Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0169 MA-COM-MASWSS0169 Datasheet
78Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
SW-439 MA-COM-SW-439 Datasheet
77Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0169 MACOM-MASWSS0169 Datasheet
180Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
logo
RF Micro Devices
RFSW6032 RFMD-RFSW6032 Datasheet
846Kb / 9P
Low Insertion High Isolation SP3T Switch
logo
New Japan Radio
NJG1683ME7 NJRC-NJG1683ME7 Datasheet
395Kb / 13P
High Isolation X-SP3T (DP6T) SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com