| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSMTR bảng dữ liệu(PDF) 108 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSMTR bảng dữ liệu(HTML) 108 Page - STMicroelectronics |
|
108 / 113 page ![]() Soldering information LSM6DSM 108/113 DocID028165 Rev 2 13 Soldering information The LGA package is compliant with the ECOPACK®, RoHS and "Green" standard. It is qualified for soldering heat resistance according to JEDEC J-STD-020. Land pattern and soldering recommendations are available at www.st.com/mems. |