| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F745IE bảng dữ liệu(PDF) 196 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F745IE bảng dữ liệu(HTML) 196 Page - STMicroelectronics |
|
196 / 227 page ![]() Package information STM32F745xx STM32F746xx 196/227 DocID027590 Rev 4 6 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 6.1 LQFP100, 14 x 14 mm low-profile quad flat package information Figure 79. LQFP100, 14 x 14 mm 100-pin low-profile quad flat package outline 1. Drawing is not to scale. |