công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN9500AI bảng dữ liệu(PDF) 120 Page - Microchip Technology

tên linh kiện LAN9500AI
Giải thích chi tiết về linh kiện  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500AI bảng dữ liệu(HTML) 120 Page - Microchip Technology

Back Button LAN9500AI Datasheet HTML 116Page - Microchip Technology LAN9500AI Datasheet HTML 117Page - Microchip Technology LAN9500AI Datasheet HTML 118Page - Microchip Technology LAN9500AI Datasheet HTML 119Page - Microchip Technology LAN9500AI Datasheet HTML 120Page - Microchip Technology LAN9500AI Datasheet HTML 121Page - Microchip Technology LAN9500AI Datasheet HTML 122Page - Microchip Technology LAN9500AI Datasheet HTML 123Page - Microchip Technology LAN9500AI Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 213 page
background image
LAN950x
DS00001875A-page 120
 2010 - 2015 Microchip Technology Inc.
7.3.3
RECEIVE CONFIGURATION REGISTER (RX_CFG)
Address:
00Ch
Size:
32 bits
Bits
Description
Type
Default
31:1
RESERVED
RO
-
0
Receive FIFO Flush
Setting this bit will reset the RX FIFO pointers.
SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More