| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADP1055ACPZ-R7 bảng dữ liệu(PDF) 126 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1055ACPZ-R7 bảng dữ liệu(HTML) 126 Page - Analog Devices |
|
126 / 140 page ![]() ADP1055 Data Sheet Rev. A | Page 126 of 140 SUPPORTED SWITCHING FREQUENCIES Table 244 lists switching frequencies supported by the ADP1055. For information about setting the switching frequency, see the FREQUENCY_SWITCH section. For entries with the same exponent and mantissa values, the entry with the lower period value is valid. Table 244. Supported Switching Frequencies Period (ns) Frequency (kHz) Exponent Mantissa 20,470 48.85197851 −4 782 20,460 48.87585533 −4 782 20,430 48.94762604 −4 783 20,400 49.01960784 −4 784 20,380 49.06771344 −4 785 20,350 49.14004914 −4 786 20,330 49.18839154 −4 787 20,300 49.26108374 −4 788 20,270 49.33399112 −4 789 20,250 49.38271605 −4 790 20,220 49.45598417 −4 791 20,200 49.5049505 −4 792 20,170 49.57858205 −4 793 20,150 49.62779156 −4 794 20,120 49.70178926 −4 795 20,100 49.75124378 −4 796 20,070 49.82561036 −4 797 20,050 49.87531172 −4 798 20,020 49.95004995 −4 799 20,000 50 −4 800 19,970 50.07511267 −4 801 19,950 50.12531328 −4 802 19,920 50.20080321 −4 803 19,900 50.25125628 −4 804 19,870 50.32712632 −4 805 19,850 50.37783375 −4 806 19,820 50.45408678 −4 807 19,800 50.50505051 −4 808 19,770 50.58168943 −4 809 19,750 50.63291139 −4 810 19,720 50.70993915 −4 811 19,700 50.76142132 −4 812 19,680 50.81300813 −4 813 19,650 50.89058524 −4 814 19,630 50.94243505 −4 815 19,600 51.02040816 −4 816 19,580 51.07252298 −4 817 19,550 51.15089514 −4 818 19,530 51.20327701 −4 819 19,510 51.25576627 −4 820 19,480 51.33470226 −4 821 19,460 51.38746146 −4 822 19,440 51.44032922 −4 823 19,410 51.51983514 −4 824 19,390 51.57297576 −4 825 19,370 51.62622612 −4 826 19,340 51.70630817 −4 827 Period (ns) Frequency (kHz) Exponent Mantissa 19,320 51.75983437 −4 828 19,300 51.8134715 −4 829 19,270 51.89413596 −4 830 19,250 51.94805195 −4 831 19,230 52.00208008 −4 832 19,200 52.08333333 −4 833 19,180 52.13764338 −4 834 19,160 52.19206681 −4 835 19,130 52.27391532 −4 836 19,110 52.32862376 −4 837 19,090 52.38344683 −4 838 19,070 52.4383849 −4 839 19,040 52.5210084 −4 840 19,020 52.57623554 −4 841 19,000 52.63157895 −4 842 18,970 52.71481286 −4 843 18,950 52.77044855 −4 844 18,930 52.8262018 −4 845 18,910 52.88207298 −4 846 18,890 52.93806247 −4 847 18,860 53.02226935 −4 848 18,840 53.07855626 −4 849 18,820 53.13496281 −4 850 18,800 53.19148936 −4 851 18,770 53.27650506 −4 852 18,750 53.33333333 −4 853 18,730 53.39028297 −4 854 18,710 53.44735436 −4 855 18,690 53.50454789 −4 856 18,660 53.59056806 −4 857 18,640 53.64806867 −4 858 18,620 53.7056928 −4 859 18,600 53.76344086 −4 860 18,580 53.82131324 −4 861 18,560 53.87931034 −4 862 18,530 53.96654074 −4 863 18,510 54.02485143 −4 864 18,490 54.08328826 −4 865 18,470 54.14185165 −4 866 18,450 54.20054201 −4 867 18,430 54.25935974 −4 868 18,410 54.31830527 −4 869 18,390 54.37737901 −4 870 18,360 54.46623094 −4 871 18,340 54.52562704 −4 872 18,320 54.58515284 −4 873 18,300 54.64480874 −4 874 |