| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16C641-04/TQ bảng dữ liệu(PDF) 113 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C641-04/TQ bảng dữ liệu(HTML) 113 Page - Microchip Technology |
|
113 / 136 page ![]() © 1996 Microchip Technology Inc. Preliminary DS30559A-page 113 PIC16C64X & PIC16C66X 14.2 Package Marking Information Legend: MM...MMicrochip part number information XX...X Customer specific information* AA Year code (last 2 digits of calendar year) BB Week code (week of January 1 is week ‘01’) C Facility code of the plant at which wafer is manufactured C = Chandler, Arizona, U.S.A. D Mask revision number E Assembly code of the plant or country of origin in which part was assembled Note:In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. *Standard OTP marking consists of Microchip part number, year code, week code, facility code, mask rev#, and assembly code. For OTP marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price. XXXXXXXXXXXXXXXXXX AABBCDE 40-Lead PDIP MMMMMMMMMMMMMM 9512CAA Example PIC16C662-04/P 44-Lead PLCC MMMMMMMM AABBCDE XXXXXXXXXX XXXXXXXXXX 44-Lead TQFP XXXXXXXXXX AABBCDE MMMMMMMM XXXXXXXXXX Example PIC16C662 AABBCDE -20/L Example -20/TQ AABBCDE PIC16C662 MMMMMMMMM XXXXXXXXXXX AABBCDE 40-Lead CERDIP Windowed XXXXXXXXXXX PIC16C662/JW AABBCDE Example |