công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16C54T-RC/SS bảng dữ liệu(PDF) 132 Page - Microchip Technology

tên linh kiện PIC16C54T-RC/SS
Giải thích chi tiết về linh kiện  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54T-RC/SS bảng dữ liệu(HTML) 132 Page - Microchip Technology

Back Button PIC16C54T-RC/SS Datasheet HTML 128Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 129Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 130Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 131Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 132Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 133Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 134Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 135Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 136Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 217 page
background image
PIC16C5X
PIC16C58A
DS30453B-page 132
Preliminary
© 1998 Microchip Technology Inc.
TABLE 16-1:
CROSS REFERENCE OF DEVICE SPECS FOR OSCILLATOR CONFIGURATIONS
AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
OSC
PIC16C58A-04
PIC16C58A-10
PIC16C58A-20
PIC16LC58A-04
RC
VDD: 3.0V to 6.25V
IDD:
2.5 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 3.0V to 6.25V
IDD:
1.8 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 3.0V to 6.25V
IDD:
1.8 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 3.0V to 6.25V
IDD:
0.5 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
XT
VDD: 3.0V to 6.25V
IDD
2.5 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 3.0V to 6.25V
IDD:
1.8 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 3.0V to 6.25V
IDD:
1.8 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 3.0V to 6.25V
IDD:
0.5 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
HS
N/A
VDD: 4.5V to 5.5V
IDD:
8.0 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 10 MHz max.
VDD: 4.5V to 5.5V
IDD:
17 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 20 MHz max.
N/A
LP
VDD: 3.0V to 6.25V
IDD:
15
µA typ. at
32kHz, 3.0V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 200 kHz max.
N/A
N/A
VDD: 2.5V to 6.25V
IDD:
28
µA max. at
32kHz, 2.5V
WDT dis
IPD:
4.0
µA max. at
2.5V WDT dis
Freq: 200 kHz max.
The shaded sections indicate oscillator selections which should work by design, but are not
tested. It is recommended that the user select the device type from information in unshaded
sections.
OSC
PIC16C58A/JW
PIC16LV58A-02
RC
VDD: 3.0V to 6.25V
IDD:
2.5 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 2.0V to 3.8V
IDD:
0.5 mA typ. at
3.0V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 2.0 MHz max.
XT
VDD: 3.0V to 6.25V
IDD
2.5 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 2.0V to 3.8V
IDD:
0.5 mA typ. at
3.0V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 2.0 MHz max.
HS
VDD: 4.5V to 5.5V
IDD:
17 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 20 MHz max.
N/A
LP
VDD: 2.5V to 6.25V
IDD:
28
µA max. at
32kHz, 2.5V
WDT dis
IPD:
4.0
µA max. at
2.5V WDT dis
Freq: 200 kHz max.
VDD: 2.0V to 3.8V
IDD:
27
µA max. at
32kHz, 2.5V
WDT dis
IPD:
4.0
µA max. at
2.5V WDT dis
Freq: 200 kHz max.
The shaded sections indicate oscillator selections
which should work by design, but are not tested. It
is recommended that the user select the device
type from information in unshaded sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com