công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16C54T-RC/SS bảng dữ liệu(PDF) 104 Page - Microchip Technology

tên linh kiện PIC16C54T-RC/SS
Giải thích chi tiết về linh kiện  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54T-RC/SS bảng dữ liệu(HTML) 104 Page - Microchip Technology

Back Button PIC16C54T-RC/SS Datasheet HTML 100Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 101Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 102Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 103Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 104Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 105Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 106Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 107Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 217 page
background image
PIC16C5X
PIC16C54A
DS30453B-page 104
Preliminary
© 1998 Microchip Technology Inc.
TABLE 14-1:
CROSS REFERENCE OF DEVICE SPECS FOR OSCILLATOR CONFIGURATIONS
AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
OSC
PIC16C54A-04
PIC16C54A-10
PIC16C54A-20
PIC16LC54A-04
RC
VDD: 3.0V to 6.25V
IDD:
2.4 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 4 MHz max.
VDD: 3.0V to 6.25V
IDD:
1.7 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 3.0V to 6.25V
IDD:
1.7 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 3.0V to 6.25V
IDD:
0.5 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
XT
VDD: 3.0V to 6.25V
IDD
2.4 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 4 MHz max.
VDD: 3.0V to 6.25V
IDD:
1.7 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 3.0V to 6.25V
IDD:
1.7 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 3.0V to 6.25V
IDD:
0.5 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
HS
N/A
VDD: 4.5V to 5.5V
IDD:
8.0 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 10 MHz max.
VDD: 4.5V to 5.5V
IDD:
16 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 20 MHz max.
Do not use in
HS mode
LP
VDD: 3.0V to 6.25V
IDD:
14
µA typ. at
32kHz, 3.0V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 200 kHz max.
Do not use in
LP mode
Do not use in
LP mode
VDD: 2.5V to 6.25V
IDD:
27
µA max. at
32kHz, 2.5V
WDT dis
IPD:
4.0
µA max. at
2.5V WDT dis
Freq: 200 kHz max.
The shaded sections indicate oscillator selections which should work by design, but are not
tested. It is recommended that the user select the device type from information in unshaded
sections.
OSC
PIC16C54A/JW
PIC16LV54A-02
RC
VDD: 3.0V to 6.25V
IDD:
2.4 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 2.0V to 3.8V
IDD:
0.5 mA typ. at
3.0V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 2.0 MHz max.
XT
VDD: 3.0V to 6.25V
IDD
2.4 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 2.0V to 3.8V
IDD:
0.5 mA typ. at
3.0V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 2.0 MHz max.
HS
VDD: 4.5V to 5.5V
IDD:
8 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 10 MHz max.
Do not use in
HS mode
LP
VDD: 2.5V to 6.25V
IDD:
27
µA max. at
32kHz, 2.5V
WDT dis
IPD:
4.0
µA max. at
2.5V WDT dis
Freq: 200 kHz max.
VDD: 2.0V to 3.8V
IDD:
27
µA max. at
32kHz, 2.5V
WDT dis
IPD:
4.0
µA max. at
2.5V WDT dis
Freq: 200 kHz max.
The shaded sections indicate oscillator selections
which should work by design, but are not tested. It
is recommended that the user select the device
type from information in unshaded sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com