công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

16F628 bảng dữ liệu(PDF) 151 Page - Microchip Technology

tên linh kiện 16F628
Giải thích chi tiết về linh kiện  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F628 bảng dữ liệu(HTML) 151 Page - Microchip Technology

Back Button 16F628 Datasheet HTML 147Page - Microchip Technology 16F628 Datasheet HTML 148Page - Microchip Technology 16F628 Datasheet HTML 149Page - Microchip Technology 16F628 Datasheet HTML 150Page - Microchip Technology 16F628 Datasheet HTML 151Page - Microchip Technology 16F628 Datasheet HTML 152Page - Microchip Technology 16F628 Datasheet HTML 153Page - Microchip Technology 16F628 Datasheet HTML 154Page - Microchip Technology 16F628 Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 168 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40044A-page 149
PIC16F627A/628A/648A
19.0 PACKAGING INFORMATION
19.1
Package Marking Information
*
Standard PICmicro device marking consists of Microchip part number, year code, week code, and traceability code.
For PICmicro device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.
For QTP devices, any special marking adders are included in QTP price.
20-LEAD SSOP
18-LEAD SOIC (.300")
18-LEAD PDIP (.300")
EXAMPLE
EXAMPLE
EXAMPLE
28-LEAD QFN
XXXXXXXX
XXXXXXXX
YYWWNNN
EXAMPLE
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXXXXXX
PIC16F627A-I/P
0210017
YYWWNNN
XXXXXXXXXXXX
XXXXXXXXXXXX
XXXXXXXXXXXX
0210017
PIC16F628A
YYWWNNN
XXXXXXXXXXX
XXXXXXXXXXX
0210017
PIC16F648A
16F628A
0210017
-I/ML
-E/SO
-I/SS
Legend: XX...X
Customer specific information*
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will be carried
over to the next line thus limiting the number of available characters for customer specific
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More