công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

16F877 bảng dữ liệu(PDF) 139 Page - Microchip Technology

tên linh kiện 16F877
Giải thích chi tiết về linh kiện  28/40-pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F877 bảng dữ liệu(HTML) 139 Page - Microchip Technology

Back Button 16F877 Datasheet HTML 135Page - Microchip Technology 16F877 Datasheet HTML 136Page - Microchip Technology 16F877 Datasheet HTML 137Page - Microchip Technology 16F877 Datasheet HTML 138Page - Microchip Technology 16F877 Datasheet HTML 139Page - Microchip Technology 16F877 Datasheet HTML 140Page - Microchip Technology 16F877 Datasheet HTML 141Page - Microchip Technology 16F877 Datasheet HTML 142Page - Microchip Technology 16F877 Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 218 page
background image
 2001 Microchip Technology Inc.
DS30292C-page 137
PIC16F87X
13.1
Instruction Descriptions
ADDLW
Add Literal and W
Syntax:
[label] ADDLW
k
Operands:
0
≤ k ≤ 255
Operation:
(W) + k
→ (W)
Status Affected:
C, DC, Z
Description:
The contents of the W register
are added to the eight bit literal ’k’
and the result is placed in the W
register.
ADDWF
Add W and f
Syntax:
[label] ADDWF
f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(W) + (f)
→ (destination)
Status Affected:
C, DC, Z
Description:
Add the contents of the W register
with register ’f’. If ’d’ is 0, the result
is stored in the W register. If ’d’ is
1, the result is stored back in
register ’f’.
ANDLW
AND Literal with W
Syntax:
[label] ANDLW
k
Operands:
0
≤ k ≤ 255
Operation:
(W) .AND. (k)
→ (W)
Status Affected:
Z
Description:
The contents of W register are
AND’ed with the eight bit literal
'k'. The result is placed in the W
register.
ANDWF
AND W with f
Syntax:
[label] ANDWF
f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(W) .AND. (f)
→ (destination)
Status Affected:
Z
Description:
AND the W register with register
'f'. If 'd' is 0, the result is stored in
the W register. If 'd' is 1, the result
is stored back in register 'f'.
BCF
Bit Clear f
Syntax:
[label] BCF
f,b
Operands:
0
≤ f ≤ 127
0
≤ b ≤ 7
Operation:
0
→ (f<b>)
Status Affected:
None
Description:
Bit 'b' in register 'f' is cleared.
BSF
Bit Set f
Syntax:
[label] BSF
f,b
Operands:
0
≤ f ≤ 127
0
≤ b ≤ 7
Operation:
1
→ (f<b>)
Status Affected:
None
Description:
Bit 'b' in register 'f' is set.
BTFSS
Bit Test f, Skip if Set
Syntax:
[label] BTFSS f,b
Operands:
0
≤ f ≤ 127
0
≤ b < 7
Operation:
skip if (f<b>) = 1
Status Affected:
None
Description:
If bit 'b' in register 'f' is '0', the next
instruction is executed.
If bit 'b' is '1', then the next instruc-
tion is discarded and a NOP is
executed instead, making this a
2TCY instruction.
BTFSC
Bit Test, Skip if Clear
Syntax:
[label] BTFSC f,b
Operands:
0
≤ f ≤ 127
0
≤ b ≤ 7
Operation:
skip if (f<b>) = 0
Status Affected:
None
Description:
If bit 'b' in register 'f' is '1', the next
instruction is executed.
If bit 'b', in register 'f', is '0', the
next instruction is discarded, and
a NOP is executed instead, making
this a 2TCY instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com