| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16C925T/CL bảng dữ liệu(PDF) 176 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C925T/CL bảng dữ liệu(HTML) 176 Page - Microchip Technology |
|
176 / 182 page ![]() PIC16C925/926 DS39544A-page 174 Preliminary 2001 Microchip Technology Inc. Timer0,Internal Timing ............................................... 42 Wake-up from SLEEP through Interrupt .................. 112 Timing Diagrams and Specifications ................................ 147 Timing Parameter Symbology .......................................... 146 TO bit ................................................................................. 19 TRISA Register .................................................................. 29 Initialization State ..................................................... 104 TRISB Register .................................................................. 31 Initialization State ..................................................... 104 TRISC Register .................................................................. 33 Initialization State ..................................................... 104 TRISD Register .................................................................. 34 Initialization State ..................................................... 104 TRISE Register .................................................................. 36 Initialization State ..................................................... 104 TRISF Register .................................................................. 37 Initialization States ................................................... 105 TRISG Register .................................................................. 38 Initialization States ................................................... 105 W W Register Initialization States ................................................... 104 Wake-up from SLEEP ...................................................... 111 Interrupts ................................................................. 103 Watchdog Timer (WDT) ..................................... 97, 101, 110 Associated Registers ............................................... 110 WDT Reset, Normal Operation ................................ 103 WDT Reset, SLEEP ................................................. 103 WCOL ................................................................................ 60 WDT Period ...................................................................... 110 Programming Considerations .................................. 110 Timeout .................................................................... 104 Write Collision Detect bit, WCOL ....................................... 60 WWW, On-Line Support .............................................. 4, 175 X XMIT_MODE ..................................................................... 73 XT .............................................................................. 99, 102 Z Z (Zero) bit ......................................................................... 19 |