| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F876-04/SP bảng dữ liệu(PDF) 160 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F876-04/SP bảng dữ liệu(HTML) 160 Page - Microchip Technology |
|
160 / 218 page ![]() PIC16F87X DS30292C-page 158 2001 Microchip Technology Inc. IDD Supply Current(2,5) D010 — 1.6 4 mA RC osc configurations FOSC = 4 MHz, VDD = 5.5V D013 — 7 15 mA HS osc configuration, FOSC = 10 MHz, VDD = 5.5V D015 ∆IBOR Brown-out Reset Current(6) — 85 200 µA BOR enabled, VDD = 5.0V IPD Power-down Current(3,5) D020A 10.5 60 µAVDD = 4.0V, WDT enabled D021B 1.5 30 µAVDD = 4.0V, WDT disabled D023 ∆IBOR Brown-out Reset Current(6) — 85 200 µA BOR enabled, VDD = 5.0V 15.3 DC Characteristics: PIC16F873/874/876/877-04 (Extended) PIC16F873/874/876/877-10 (Extended) (Continued) PIC16F873/874/876/877-04 PIC16F873/874/876/877-20 (Extended) Standard Operating Conditions (unless otherwise stated) Operating temperature -40°C ≤ TA ≤ +125°C Param No. Symbol Characteristic/ Device Min Typ† Max Units Conditions † Data is “Typ” column is at 5V, 25°C, unless otherwise stated. These parameters are for design guidance only, and are not tested. Note 1: This is the limit to which VDD can be lowered without losing RAM data. 2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin loading, switching rate, oscillator type, internal code execution pattern and temperature also have an impact on the current consumption. The test conditions for all IDD measurements in active operation mode are: OSC1 = external square wave, from rail to rail; all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT enabled/disabled as specified. 3: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD and VSS. 4: For RC osc configuration, current through REXT is not included. The current through the resistor can be estimated by the formula Ir = VDD/2REXT (mA) with REXT in kOhm. 5: Timer1 oscillator (when enabled) adds approximately 20 µA to the specification. This value is from characterization and is for design guidance only. This is not tested. 6: The ∆ current is the additional current consumed when this peripheral is enabled. This current should be added to the base IDD or IPD measurement. 7: When BOR is enabled, the device will operate correctly until the VBOR voltage trip point is reached. |