công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16C54-LPE/P bảng dữ liệu(PDF) 207 Page - Microchip Technology

tên linh kiện PIC16C54-LPE/P
Giải thích chi tiết về linh kiện  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPE/P bảng dữ liệu(HTML) 207 Page - Microchip Technology

Back Button PIC16C54-LPE/P Datasheet HTML 203Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 204Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 205Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 206Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 207Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 208Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 209Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 210Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 211Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 207
PIC16C5X
APPENDIX A: COMPATIBILITY
To convert code written for PIC16CXX to PIC16C5X,
the user should take the following steps:
1.
Check any CALL, GOTO or instructions that
modify the PC to determine if any program
memory page select operations (PA2, PA1, PA0
bits) need to be made.
2.
Revisit any computed jump operations (write to
PC or add to PC, etc.) to make sure page bits
are set properly under the new scheme.
3.
Eliminate any special function register page
switching. Redefine data variables to reallocate
them.
4.
Verify all writes to STATUS, OPTION, and FSR
registers since these have changed.
5.
Change reset vector to proper value for
processor used.
6.
Remove any use of the ADDLW and SUBLW
instructions.
7.
Rewrite any code segments that use interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More