| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16C54-LPE/P bảng dữ liệu(PDF) 156 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C54-LPE/P bảng dữ liệu(HTML) 156 Page - Microchip Technology |
|
156 / 217 page ![]() PIC16C5X PIC16CR58A DS30453B-page 156 Preliminary © 1998 Microchip Technology Inc. FIGURE 17-4: RESET, WATCHDOG TIMER, AND DEVICE RESET TIMER TIMING - PIC16CR58A TABLE 17-4: RESET, WATCHDOG TIMER, AND DEVICE RESET TIMER - PIC16CR58A AC Characteristics Standard Operating Conditions (unless otherwise specified) Operating Temperature 0 °C ≤ TA ≤ +70°C (commercial) –40 °C ≤ TA ≤ +85°C (industrial) –40 °C ≤ TA ≤ +125°C (extended) Operating Voltage VDD range is described in Section 17.1, Section 17.2 and Section 17.3. Parameter No. Sym Characteristic Min Typ(1) Max Units Conditions 30 TmcL MCLR Pulse Width (low) 1.0* — — µsVDD = 5.0V 31 Twdt Watchdog Timer Time-out Period (No Prescaler) 9.0* 18* 30* ms VDD = 5.0V (Commercial) 32 TDRT Device Reset Timer Period 9.0* 18* 30* ms VDD = 5.0V (Commercial) 34 TioZ I/O Hi-impedance from MCLR Low — — 1.0* µs * These parameters are characterized but not tested. Note 1: Data in the Typical (“Typ”) column is at 5.0V, 25 °C unless otherwise stated. These parameters are for design guidance only and are not tested. VDD MCLR Internal POR DRT Time-out Internal RESET Watchdog Timer RESET 32 31 34 I/O pin 32 32 34 (Note 1) Note 1: I/O pins must be taken out of hi-impedance mode by enabling the output drivers in software. 30 |