| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16C54-LPE/P bảng dữ liệu(PDF) 143 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C54-LPE/P bảng dữ liệu(HTML) 143 Page - Microchip Technology |
|
143 / 217 page ![]() © 1998 Microchip Technology Inc. Preliminary DS30453B-page 143 PIC16C58A PIC16C5X FIGURE 16-5: TIMER0 CLOCK TIMINGS - PIC16C58A TABLE 16-5: TIMER0 CLOCK REQUIREMENTS - PIC16C58A AC Characteristics Standard Operating Conditions (unless otherwise specified) Operating Temperature 0 °C ≤ TA ≤ +70°C (commercial) –40 °C ≤ TA ≤ +85°C (industrial) –20 °C ≤ TA ≤ +85°C (industrial - PIC16LV58A) –40 °C ≤ TA ≤ +125°C (extended) Operating Voltage VDD range is described in Section 16.1, Section 16.2 and Section 16.3. Parameter No. Sym Characteristic Min Typ(1) Max Units Conditions 40 Tt0H T0CKI High Pulse Width - No Prescaler 0.5 TCY + 20* — — ns - With Prescaler 10* — — ns 41 Tt0L T0CKI Low Pulse Width - No Prescaler 0.5 TCY + 20* — — ns - With Prescaler 10* — — ns 42 Tt0P T0CKI Period 20 or TCY + 40* N — — ns Whichever is greater. N = Prescale Value (1, 2, 4,..., 256) * These parameters are characterized but not tested. Note 1: Data in the Typical (“Typ”) column is at 5.0V, 25 °C unless otherwise stated. These parameters are for design guidance only and are not tested. T0CKI 40 41 42 |