công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7399 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện AD7399
Giải thích chi tiết về linh kiện  Quad, Serial-Input 12-Bit/10-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7399 bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button AD7399_15 Datasheet HTML 3Page - Analog Devices AD7399_15 Datasheet HTML 4Page - Analog Devices AD7399_15 Datasheet HTML 5Page - Analog Devices AD7399_15 Datasheet HTML 6Page - Analog Devices AD7399_15 Datasheet HTML 7Page - Analog Devices AD7399_15 Datasheet HTML 8Page - Analog Devices AD7399_15 Datasheet HTML 9Page - Analog Devices AD7399_15 Datasheet HTML 10Page - Analog Devices AD7399_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD7398/AD7399
Rev. C | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
VOUTB
16
VOUTC
2
VOUTA
15
VOUTD
3
VSS
14
VDD
4
VREFA
13
VREFC
5
VREFB
12
VREFD
6
GND
11
SDI
7
LDAC
10
CLK
8
RS
9
CS
AD7398/
AD7399
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 4. Pin Function Descriptions
Table 5. Control Logic Truth Table
CS
CLK
LDAC
Serial Shift Register Function
Input Register Function
DAC Register
H
X
H
No effect
No effect
No effect
L
L
H
No effect
No effect
No effect
L
↑+
H
Shift register data advanced one bit
Latched
No effect
L
H
H
No effect
Latched
No effect
↑+
L/H
H
No effect
Updated with shift register contents
No effect
H
X
L
No effect
Latched
Transparent
H
X
↑+
No effect
Latched
Latched
NOTES
1.
↑+ = Positive logic transition; ↓– = Negative logic transition; X = Don’t Care.
2. At power-on, both the input register and the DAC register are loaded with all zeros.
3. During power shutdown, reprogramming of any internal registers can take place, but the output amplifiers do not produce the new values until the part is taken out
of shutdown mode.
4. The LDAC input is a level-sensitive input that controls the four DAC registers.
Pin No.
Mnemonic
Description
1
VOUTB
DAC B Voltage Output.
2
VOUTA
DAC A Voltage Output.
3
VSS
Negative Power Supply Input. Specified range of operation 0 V to −5.5 V.
4
VREFA
DAC A Reference Voltage Input Terminal. Establishes DAC A full-scale output voltage. Pin can be tied to VDD pin or VSS pin.
5
VREFB
DAC B Reference Voltage Input Terminal. Establishes DAC B full-scale output voltage. Pin can be tied to VDD pin or VSS pin.
6
GND
Ground Pin.
7
LDAC
Load DAC Register Strobe. Level sensitive active low. Transfers all input register data to DAC registers.
Asynchronous active low input. See Table 5 for operation.
8
RS
Resets Input and DAC Registers to All Zero Codes. Shift register contents unchanged.
9
CS
Chip Select. Active low input. Disables shift register loading when high. Transfers serial register data to the input
register when CS returns high. Does not effect LDAC operation.
10
CLK
Schmitt Triggered Clock Input. Positive edge clocks data into shift register.
11
SDI
Serial Data Input. Input data loads directly into the shift register.
12
VREFD
DAC D Reference Voltage Input Terminal. Establishes DAC D full-scale output voltage. Pin can be tied to VDD pin or VSS pin.
13
VREFC
DAC C Reference Voltage Input Terminal. Establishes DAC C full-scale output voltage. Pin can be tied to VDD pin or VSS pin.
14
VDD
Positive Power Supply Input. Specified range of operation 3 V to 5 V ± 10%.
15
VOUTD
DAC D Voltage Output.
16
VOUTC
DAC C Voltage Output.


Số phần tương tự - AD7399_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7399BR AD-AD7399BR Datasheet
273Kb / 16P
Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
AD7399BR AD-AD7399BR Datasheet
416Kb / 24P
Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7399BR-REEL AD-AD7399BR-REEL Datasheet
416Kb / 24P
Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7399BR-REEL7 AD-AD7399BR-REEL7 Datasheet
273Kb / 16P
Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
AD7399BRU AD-AD7399BRU Datasheet
416Kb / 24P
Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
More results

Mô tả tương tự - AD7399_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5544 AD-AD5544 Datasheet
473Kb / 16P
Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
AD7391 AD-AD7391 Datasheet
342Kb / 12P
3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7394 AD-AD7394 Datasheet
304Kb / 12P
3 V, Dual, Serial Input 12-/10-Bit DACs
REV. 0
AD7398 AD-AD7398 Datasheet
273Kb / 16P
Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
AD7390 AD-AD7390 Datasheet
203Kb / 12P
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7398BRZ-REEL7 AD-AD7398BRZ-REEL7 Datasheet
416Kb / 24P
Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7398 AD-AD7398_15 Datasheet
416Kb / 24P
Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com