| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS1892Y bảng dữ liệu(PDF) 137 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1892Y bảng dữ liệu(HTML) 137 Page - Integrated Circuit Systems |
|
137 / 148 page ![]() Chapter 10 DC and AC Operating Conditions ICS1892, Rev. D, 2/26/01 February 26, 2001 137 ICS1892 © 2000-2001, Integrated Circuit Systems, Inc. All rights reserved. 10.5.14 100M MII / 100M Stream Interface: Receive Latency Table 10-21 lists the significant time periods for the 100M MII / 100M Stream Interface receive latency. The time periods consist of timings of signals on the following pins: TP_RX (that is, TP_RXP and TP_RXN), RXCLK, and RXD (that is, RXD[3:0]). Figure 10-14 shows the timing diagram for the time periods. Figure 10-14. 100M MII / 100M Stream Interface: Receive Latency Timing Diagram Table 10-21. 100M MII / 100M Stream Interface Receive Latency Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 First Bit of /J/ into TP_RX to /J/ on RXD 100M MII – 16.9 17 Bit times t2 First Bit of /J/ into TP_RX to /J/ on RXD 100M Stream Interface – TBD 12.5 Bit times RXCLK TP_RX* *Shown unscrambled. RXD t1 t2 |