| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS1892 bảng dữ liệu(PDF) 134 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1892 bảng dữ liệu(HTML) 134 Page - Integrated Circuit Systems |
|
134 / 148 page ![]() ICS1892, Rev. D, 2/26/01 February 26, 2001 134 Chapter 10 DC and AC Operating Conditions ICS1892 Data Sheet © 2000-2001, Integrated Circuit Systems, Inc. All rights reserved. 10.5.11 10M Media Independent Interface: Transmit Latency Table 10-18 lists the significant time periods for the 10M MII transmit latency. The time periods consist of timings of signals on the following pins: TXEN, TXCLK, TXD (that is, TXD[3:0]), and TP_TX (that is, the TP_TXP and TP_TXN pins). Figure 10-11 shows the timing diagram for the time periods. Figure 10-11. 10M MII Transmit Latency Timing Diagram Table 10-18. 10M MII Transmit Latency Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 TXD Sampled to MDI Output of First Bit 10M MII – 1.2 2 Bit times TXCLK TXEN TXD *Manchester encoding not shown. 55 5 t1 TP_TX* |