| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT90PWM2 bảng dữ liệu(PDF) 244 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90PWM2 bảng dữ liệu(HTML) 244 Page - ATMEL Corporation |
|
244 / 365 page ![]() 244 4317K–AVR–03/2013 AT90PWM2/3/2B/3B Figure 21-11. Gain Error • Integral Non-linearity (INL): After adjusting for offset and gain error, the INL is the maximum deviation of an actual transition compared to an ideal transition for any code. Ideal value: 0 LSB. Figure 21-12. Integral Non-linearity (INL) • Differential Non-linearity (DNL): The maximum deviation of the actual code width (the interval between two adjacent transitions) from the ideal code width (1 LSB). Ideal value: 0 LSB. Output Code VREF Input Voltage Ideal ADC Actual ADC Gain Error Output Code VREF Input Voltage Ideal ADC Actual ADC |