công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IO137RSB2 bảng dữ liệu(PDF) 182 Page - Microsemi Corporation

tên linh kiện IO137RSB2
Giải thích chi tiết về linh kiện  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 bảng dữ liệu(HTML) 182 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 178Page - Microsemi Corporation IO137RSB2 Datasheet HTML 179Page - Microsemi Corporation IO137RSB2 Datasheet HTML 180Page - Microsemi Corporation IO137RSB2 Datasheet HTML 181Page - Microsemi Corporation IO137RSB2 Datasheet HTML 182Page - Microsemi Corporation IO137RSB2 Datasheet HTML 183Page - Microsemi Corporation IO137RSB2 Datasheet HTML 184Page - Microsemi Corporation IO137RSB2 Datasheet HTML 185Page - Microsemi Corporation IO137RSB2 Datasheet HTML 186Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 210 page
background image
Package Pin Assignments
4- 66
R e v i sio n 1 5
FG484
Pin Number
A3P400 Function
A1
GND
A2
GND
A3
VCCIB0
A4
NC
A5
NC
A6
IO15RSB0
A7
IO18RSB0
A8
NC
A9
NC
A10
IO23RSB0
A11
IO29RSB0
A12
IO35RSB0
A13
IO36RSB0
A14
NC
A15
NC
A16
IO50RSB0
A17
IO51RSB0
A18
NC
A19
NC
A20
VCCIB0
A21
GND
A22
GND
B1
GND
B2
VCCIB3
B3
NC
B4
NC
B5
NC
B6
NC
B7
NC
B8
NC
B9
NC
B10
NC
B11
NC
B12
NC
B13
NC
B14
NC
B15
NC
B16
NC
B17
NC
B18
NC
B19
NC
B20
NC
B21
VCCIB1
B22
GND
C1
VCCIB3
C2
NC
C3
NC
C4
NC
C5
GND
C6
NC
C7
NC
C8
VCC
C9
VCC
C10
NC
C11
NC
C12
NC
C13
NC
C14
VCC
C15
VCC
C16
NC
C17
NC
C18
GND
C19
NC
C20
NC
C21
NC
C22
VCCIB1
D1
NC
D2
NC
D3
NC
D4
GND
D5
GAA0/IO00RSB0
D6
GAA1/IO01RSB0
FG484
Pin Number
A3P400 Function
D7
GAB0/IO02RSB0
D8
IO16RSB0
D9
IO17RSB0
D10
IO22RSB0
D11
IO28RSB0
D12
IO34RSB0
D13
IO37RSB0
D14
IO41RSB0
D15
IO43RSB0
D16
GBB1/IO57RSB0
D17
GBA0/IO58RSB0
D18
GBA1/IO59RSB0
D19
GND
D20
NC
D21
NC
D22
NC
E1
NC
E2
NC
E3
GND
E4
GAB2/IO154UDB3
E5
GAA2/IO155UDB3
E6
IO12RSB0
E7
GAB1/IO03RSB0
E8
IO13RSB0
E9
IO14RSB0
E10
IO21RSB0
E11
IO27RSB0
E12
IO32RSB0
E13
IO38RSB0
E14
IO42RSB0
E15
GBC1/IO55RSB0
E16
GBB0/IO56RSB0
E17
IO44RSB0
E18
GBA2/IO60PDB1
E19
IO60NDB1
E20
GND
FG484
Pin Number
A3P400 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More