công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IO11RSB0 bảng dữ liệu(PDF) 198 Page - Microsemi Corporation

tên linh kiện IO11RSB0
Giải thích chi tiết về linh kiện  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11RSB0 bảng dữ liệu(HTML) 198 Page - Microsemi Corporation

Back Button IO11RSB0 Datasheet HTML 194Page - Microsemi Corporation IO11RSB0 Datasheet HTML 195Page - Microsemi Corporation IO11RSB0 Datasheet HTML 196Page - Microsemi Corporation IO11RSB0 Datasheet HTML 197Page - Microsemi Corporation IO11RSB0 Datasheet HTML 198Page - Microsemi Corporation IO11RSB0 Datasheet HTML 199Page - Microsemi Corporation IO11RSB0 Datasheet HTML 200Page - Microsemi Corporation IO11RSB0 Datasheet HTML 201Page - Microsemi Corporation IO11RSB0 Datasheet HTML 202Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 210 page
background image
Datasheet Information
5- 2
R ev isio n 1 5
Revision 11
(March 2012)
Note indicating that A3P015 is not recommended for new designs has been added.
The "Devices Not Recommended For New Designs" section is new (SAR 36760).
I to IV
The following sentence was removed from the Advanced Architecture section: "In
addition, extensive on-chip programming circuitry allows for rapid, single-voltage
(3.3 V) programming of IGLOO devices via an IEEE 1532 JTAG interface" (SAR
34687).
NA
The reference to guidelines for global spines and VersaTile rows, given in the
"Global Clock Contribution—PCLOCK" section, was corrected to the "Spine
Architecture" section of the Global Resources chapter in the ProASIC3 FPGA Fabric
User's Guide (SAR 34734).
2-11
Figure 2-3 • Input Buffer Timing Model and Delays (Example) has been modified for
the DIN waveform; the Rise and Fall time label has been changed to tDIN (35430).
2-15
The AC Loading figures in the "Single-Ended I/O Characteristics" section were
updated to match tables in the "Summary of I/O Timing Characteristics – Default I/O
Software Settings" section (SAR 34883).
2-31
Added values for minimum pulse width and removed the FRMAX row from
Table 2-107 through Table 2-114 in the "Global Tree Timing Characteristics" section.
Use the software to determine the FRMAX for the device you are using (SARs
37279, 29269).
2-84
Revision 10
(September 2011)
The "In-System Programming (ISP) and Security" section and Security section were
revised to clarify that although no existing security measures can give an absolute
guarantee, Microsemi FPGAs implement the best security available in the industry
(SAR 32865).
I
The value of 34 I/Os for the QN48 package in A3P030 was added to the "I/Os Per
Package 1" section (SAR 33907).
II
The Y security option and Licensed DPA Logo were added to the "ProASIC3
Ordering Information" section. The trademarked Licensed DPA Logo identifies that a
product is covered by a DPA counter-measures license from Cryptography
Research (SAR 32151).
III
The "Specifying I/O States During Programming" section is new (SAR 21281).
1-7
In Table 2-2 • Recommended Operating Conditions 1, VPUMP programming voltage
in programming mode was changed from "3.0 to 3.6" to "3.15 to 3.45" (SAR 30666).
It was corrected in v2.0 of this datasheet in April 2007 but inadvertently changed
back to “3.0 to 3.6 V” in v1.4 in August 2009. The following changes were made to
Table 2-2 • Recommended Operating Conditions 1:
VCCPLL analog power supply (PLL) was changed from "1.4 to 1.6" to "1.425 to
1.575" (SAR 33850).
For VCCI and VMV, values for 3.3 V DC and 3.3 V DC Wide Range were corrected.
The correct value for 3.3 V DC is "3.0 to 3.6 V" and the correct value for 3.3 V Wide
Range is "2.7 to 3.6" (SAR 33848).
2-2
Table 2-25 • Summary of I/O Timing Characteristics—Software Default Settings was
update to restore values to the correct columns. Previously the Slew Rate column
was missing and data were aligned incorrectly (SAR 34034).
2-23
The notes regarding drive strength in the "Summary of I/O Timing Characteristics –
Default I/O Software Settings" section and "3.3 V LVCMOS Wide Range" section
tables were revised for clarification. They now state that the minimum drive strength
for the default software configuration when run in wide range is ±100 µA. The drive
strength displayed in software is supported in normal range only. For a detailed I/V
curve, refer to the IBIS models (SAR 25700).
2-21, 2-38
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com