| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IO20PDB0V0 bảng dữ liệu(PDF) 167 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO20PDB0V0 bảng dữ liệu(HTML) 167 Page - Microsemi Corporation |
|
167 / 197 page ![]() SmartFusion Customizable System-on-Chip (cSoC) Re vi s i on 12 5 - 53 Pin Number FG484 A2F200 Function A2F500 Function A1 GND GND A2 NC NC A3 NC NC A4 GND GND A5 EMC_CS0_N/GAB0/IO01NDB0V0 EMC_CS0_N/GAB0/IO05NDB0V0 A6 EMC_CS1_N/GAB1/IO01PDB0V0 EMC_CS1_N/GAB1/IO05PDB0V0 A7 GND GND A8 EMC_AB[0]/IO04NDB0V0 EMC_AB[0]/IO06NDB0V0 A9 EMC_AB[1]/IO04PDB0V0 EMC_AB[1]/IO06PDB0V0 A10 GND GND A11 NC NC A12 EMC_AB[7]/IO07PDB0V0 EMC_AB[7]/IO12PDB0V0 A13 GND GND A14 EMC_AB[12]/IO10NDB0V0 EMC_AB[12]/IO14NDB0V0 A15 EMC_AB[13]/IO10PDB0V0 EMC_AB[13]/IO14PDB0V0 A16 GND GND A17 NC IO16NDB0V0 A18 NC IO16PDB0V0 A19 GND GND A20 NC NC A21 NC NC A22 GND GND AA1 GPIO_4/IO43RSB4V0 GPIO_4/IO52RSB4V0 AA2 GPIO_12/IO37RSB4V0 GPIO_12/IO46RSB4V0 AA3 MAC_MDC/IO48RSB4V0 MAC_MDC/IO57RSB4V0 AA4 MAC_RXER/IO50RSB4V0 MAC_RXER/IO59RSB4V0 AA5 MAC_TXD[0]/IO56RSB4V0 MAC_TXD[0]/IO65RSB4V0 AA6 ABPS0 ABPS0 AA7 TM1 TM1 AA8 ADC1 ADC1 AA9 GND15ADC1 GND15ADC1 AA10 GND33ADC1 GND33ADC1 AA11 CM3 CM3 AA12 GNDTM1 GNDTM1 Notes: 1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank assignment can be different for an I/O, or the function might be available only on a larger density device. 2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details. |