| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IO20PDB0V0 bảng dữ liệu(PDF) 161 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO20PDB0V0 bảng dữ liệu(HTML) 161 Page - Microsemi Corporation |
|
161 / 197 page ![]() SmartFusion Customizable System-on-Chip (cSoC) Re vi s i on 12 5 - 47 H13 TDO TDO TDO H14 TDI TDI TDI H15 JTAGSEL JTAGSEL JTAGSEL H16 GND GND GND J1 EMC_DB[4]/IO38NPB5V0 EMC_DB[4]/GEA0/IO61NPB5V0 EMC_DB[4]/GEA0/IO78NPB5V0 J2 EMC_DB[3]/IO37PDB5V0 EMC_DB[3]/GEC2/IO60PDB5V0 EMC_DB[3]/GEC2/IO77PDB5V0 J3 EMC_DB[2]/IO37NDB5V0 EMC_DB[2]/IO60NDB5V0 EMC_DB[2]/IO77NDB5V0 J4 GNDRCOSC GNDRCOSC GNDRCOSC J5 NC GNDQ GNDQ J6 GND GND GND J7 VCC VCC VCC J8 GND GND GND J9 VCC VCC VCC J10 GND GND GND J11 VCCMSSIOB2 VCCMSSIOB2 VCCMSSIOB2 J12 I2C_0_SCL/GPIO_23 I2C_0_SCL/GPIO_23 I2C_0_SCL/GPIO_23 J13 I2C_0_SDA/GPIO_22 I2C_0_SDA/GPIO_22 I2C_0_SDA/GPIO_22 J14 I2C_1_SCL/GPIO_31 I2C_1_SCL/GPIO_31 I2C_1_SCL/GPIO_31 J15 VCCMSSIOB2 VCCMSSIOB2 VCCMSSIOB2 J16 I2C_1_SDA/GPIO_30 I2C_1_SDA/GPIO_30 I2C_1_SDA/GPIO_30 K1 GPIO_1/IO32RSB4V0 MAC_MDIO/IO49RSB4V0 MAC_MDIO/IO58RSB4V0 K2 GPIO_0/IO33RSB4V0 MAC_MDC/IO48RSB4V0 MAC_MDC/IO57RSB4V0 K3 VCCMSSIOB4 VCCMSSIOB4 VCCMSSIOB4 K4 MSS_RESET_N MSS_RESET_N MSS_RESET_N K5 VCCRCOSC VCCRCOSC VCCRCOSC K6 VCCMSSIOB4 VCCMSSIOB4 VCCMSSIOB4 K7 GND GND GND K8 VCC VCC VCC K9 GND GND GND K10 VCC VCC VCC K11 GND GND GND Pin No. FG256 A2F060 Function A2F200 Function A2F500 Function Notes: 1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank assignment can be different for an I/O, or the function might be available only on a larger density device. 2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details. |