công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM8L151x8 bảng dữ liệu(PDF) 132 Page - STMicroelectronics

tên linh kiện STM8L151x8
Giải thích chi tiết về linh kiện  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151x8 bảng dữ liệu(HTML) 132 Page - STMicroelectronics

Back Button STM8L151x8 Datasheet HTML 126Page - STMicroelectronics STM8L151x8 Datasheet HTML 127Page - STMicroelectronics STM8L151x8 Datasheet HTML 128Page - STMicroelectronics STM8L151x8 Datasheet HTML 129Page - STMicroelectronics STM8L151x8 Datasheet HTML 130Page - STMicroelectronics STM8L151x8 Datasheet HTML 131Page - STMicroelectronics STM8L151x8 Datasheet HTML 132Page - STMicroelectronics STM8L151x8 Datasheet HTML 133Page - STMicroelectronics STM8L151x8 Datasheet HTML 134Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 132 / 134 page
background image
Revision history
STM8L15xx8, STM8L15xR6
132/134
DocID17943 Rev 6
12
Revision history
Table 68. Document revision history
Date
Revision
Changes
13-Sep-2010
1
Initial release.
20-Dec-2010
2
Updated Section 9.3.3: Supply current characteristics
Updated Section 9.3.2: Embedded reset and power control block
characteristics.
Updated Section 9.3.3: Supply current characteristics
Updated Section 9.3.13: 12-bit DAC characteristics
Updated Section 9.3.14: 12-bit ADC1 characteristics
Updated Section 9.3.15: EMC characteristics
17-Jan-2011
3
Removed references to STM8L150M8 devices.
11-Mar-2011
4
Updated Table 1: Device summary.
Table 5: High density and medium+ density STM8L15x pin description:
updated PB4/43&35, PB4/28, PC1, PI3, and pins 33 to 36 of LQFP80;
updated footnotes.
TIMx_TRIG changed to TIMx_ETR and “Standard port” changed to
“high sink port”.
Table 15: Voltage characteristics: updated
Table 16: Current characteristics: updated
Table 35: RAM and hardware registers: updated VRM data min.
retention.
Added Table 9.3.6: I/O current injection characteristics.
Table 38: I/O static characteristics: updated
Table 45: LCD characteristics: updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More