| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1403000000 bảng dữ liệu(PDF) 156 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
1403000000 bảng dữ liệu(HTML) 156 Page - List of Unclassifed Manufacturers |
|
156 / 164 page ![]() www.Rose-Bopla.com 154 Tolerances Aluminum The tolerances for the nominal dimensions (see table 1) depend on the following ratios: - diameter of the minimum circumscribing circle du divided by the minimum wall thickness smin. - maximum wall thickness smax divided by the minimum wall thickness smin. over - 10 15 30 45 60 90 120 150 180 240 up to 10 15 30 45 60 90 120 150 180 240 300 Range of dimensions up to 6 : 1 over 6 : 1 Tolerances for a ratio of du : smin up to 40 : 1 over 40 : 1 and a ratio of smax : smin ±0.15 ±0.20 ±0.25 ±0.30 ±0.40 ±0.45 ±0.60 ±0.70 ±0.90 ±1.10 ±1.40 ±0.80 ±1.00 ±1.20 ±1.50 Table 2 Tolerances for the wall thickness of full profiles Range of dimensions Tolerances for wall thickness over - 1.5 3 6 10 15 20 30 up to 1.5 3 6 10 15 20 30 40 Table 3 Tolerances for the wall thickness of hollow profiles over - 1.5 2 3 6 9 12 15 up to 1.5 2 3 6 9 12 15 20 to 75 ±0.20 ±0.20 ±0.25 ±0.35 ±0.50 ±0.60 ±0.70 - over 75 to 130 ±0.25 ±0.25 ±0.30 ±0.40 ±0.55 ±0.70 ±0.80 ±1.00 over 130 to 250 - ±0.30 ±0.35 ±0.50 ±0.70 ±0.85 ±1.00 ±1.20 over 250 to 300 - - ±0.45 ±0.60 ±0.80 ±0.95 ±1.10 ±1.30 Range of dimensions Tolerances for the wall thicknesses with a circumscribing circle d u *Important: We assume no liability for quoted standards! TOLERANCES FOR ALUMINUM PROFILES ACCORDING TO DIN EN 12020-2* Table 1 Tolerances for linear measurements ABPH 800 (Full Profile) ABP 800 (Hollow Profile) ±0.15 ±0.20 ±0.25 ±0.30 ±0.40 ±0.50 ±0.60 ±0.70 |